Electronic Components Datasheet Search
  English  ▼

X  

CNN50 Datasheet(PDF) 1 Page - Mersen

Part # CNN50
Description  Forklift Truck Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

CNN50 Datasheet(HTML) 1 Page - Mersen

  CNN50 Datasheet HTML 1Page - Mersen CNN50 Datasheet HTML 2Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EP.MERSEN.COM
SP 24
S
P
© 2021 Mersen. All rights reserved. Mersen reserves the right to change, update,
or correct, without notice, any information contained in this datasheet.
Mersen Forklift Truck and Battery Isolator fuses are specially
designed for the heavy duty loads associated with DC battery
powered equipment such as forklift trucks, hand trucks, motorized
work platforms, and other DC battery operated systems. Rugged
construction and stud mounted bolt-in design assure a long life in
adverse conditions for these fuses. This expanded line of Forklift
Truck Fuses can fulfill virtually all of your heavy duty circuit protection
needs up to 125V AC or DC. The round body ACK, ACL and ALS fuses
combine higher voltage ratings and more ampere ratings with higher
interrupting ratings. The flat CNL and CNN style fuses have a lower
voltage rating but are also AC and DC, more space saving and have
visual “see-thru” indication to show when they have operated.
FEATURES/BENEFIT S:
•
All fuses are AC and DC rated
•
Expanded ampere ratings
•
Time-delay and general purpose types
•
Link is visible through window (CNL/CNN)
APPLIC ATIONS:
•
Forklift trucks
•
Battery hand trucks
•
Motorized work platforms
•
Battery systems
HIGHLIGHT S:
•
AC/DC ratings
•
Embossed catalog No’s.
•
Stud mounted
•
Time-delay - ACK
•
General purpose - ACL, ALS
RATINGS:
ACK:
•
Volts: 125VAC / DC
•
Amps: 1 to 400A
•
IR: 10kA I.R. AC / DC
ACL
•
Volts: 125VAC / DC
•
Amps: 30 to 120A
•
IR: 100kA I.R. AC, 10kA I.R. DC
ALS
•
Volts: 125VAC / DC
•
Amps: 100 to 500A
•
IR: 10kA I.R. AC / DC
CNL
•
Volts: 80V AC / DC
•
Amps: 35 to 500A
•
IR: 2.5kA I.R. AC / DC
CNN
•
Volts: 130V AC, 80V DC
•
Amps: 10-800A
•
IR: 2.5kA I.R. AC / DC
APPRO VALS:
•
UL recognized components
(all products) File E60314
Forklift Truck Fuses
ACK, ACL, ALS, CNL, CNN
SPECIAL PURPO SE


Similar Part No. - CNN50

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CNN KOA-CNN Datasheet
372Kb / 2P
thin film chip networks
CNN2A2T KOA-CNN2A2T Datasheet
90Kb / 2P
thinfilmchipnetworks
CNN2A2TTE103/103BA KOA-CNN2A2TTE103/103BA Datasheet
90Kb / 2P
thinfilmchipnetworks
CNN2A2TTE103/103BB KOA-CNN2A2TTE103/103BB Datasheet
90Kb / 2P
thinfilmchipnetworks
CNN2A2TTE103/103CA KOA-CNN2A2TTE103/103CA Datasheet
90Kb / 2P
thinfilmchipnetworks
More results

Similar Description - CNN50

ManufacturerPart #DatasheetDescription
logo
Semikron International
FUSES000 SEMIKRON-FUSES000 Datasheet
252Kb / 6P
FUSES
logo
List of Unclassifed Man...
UT1250UL ETC2-UT1250UL Datasheet
539Kb / 6P
PowerVerter짰 1250W Utility/Work Truck Inverter/Charger with 2 Outlets
logo
Littelfuse
CCL LITTELFUSE-CCL Datasheet
92Kb / 1P
CBO, CCK, CCL SERIES LIFT TRUCK FUSES 32-125 Vdc ??1-300 A ??Fast Acting & Time Delay
logo
Mallory performance clu...
PN2957 MALLORY-PN2957 Datasheet
8Mb / 24P
Atomic LS Master Truck EFI Kits
logo
ETAL Group
SBG-E1048-05-V0025 ETAL-SBG-E1048-05-V0025 Datasheet
206Kb / 2P
Power distribution system on pcb for truck applications
logo
Infineon Technologies A...
TLT807B0EPV INFINEON-TLT807B0EPV Datasheet
783Kb / 18P
Low dropout adjustable standby voltage regulator for truck applications
Rev. 1.00 2017-05-09
logo
TE Connectivity Ltd
CAT-ATS0027 TEC-CAT-ATS0027 Datasheet
106Kb / 1P
TURBOCHARGER PNEUMATIC ACTUATOR POSITION SENSOR (TRUCK)
logo
List of Unclassifed Man...
D01955 ETC-D01955 Datasheet
152Kb / 1P
150kg Platform Truck
28/08/14
logo
TE Connectivity Ltd
408-10393 TEC-408-10393 Datasheet
504Kb / 5P
Truck Light Connector System
2010
logo
List of Unclassifed Man...
FUSE125B ETC1-FUSE125B Datasheet
1Mb / 6P
FUSES
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com