Electronic Components Datasheet Search
  English  ▼

X  

L9679PTR Datasheet(PDF) 68 Page - STMicroelectronics

Part # L9679PTR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679PTR Datasheet(HTML) 68 Page - STMicroelectronics

Back Button L9679PTR Datasheet HTML 64Page - STMicroelectronics L9679PTR Datasheet HTML 65Page - STMicroelectronics L9679PTR Datasheet HTML 66Page - STMicroelectronics L9679PTR Datasheet HTML 67Page - STMicroelectronics L9679PTR Datasheet HTML 68Page - STMicroelectronics L9679PTR Datasheet HTML 69Page - STMicroelectronics L9679PTR Datasheet HTML 70Page - STMicroelectronics L9679PTR Datasheet HTML 71Page - STMicroelectronics L9679PTR Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 279 page
background image
SPI interfaces
L9679P
68/279
DS11627 Rev 7
0 WD2TM=0
1 WD2TM=1
WD2_WDR
0
0
- WD2 reset latch - set when WD2RESET or STOPPING states are entered,
cleared upon read
0 WD2RST signal = 0
1 WD2RST signal = 1
WD1_LO
1
1
- WD1 lockout - reflects WD1 lockout state
Set and cleared per Watchdog Timer Flow Diagram
0 WD1 Lockout inactive
1 WD1 Lockout active
WD1_TM
0
0
0 WD1 test mode - reflects WD1TM signal state
Set and cleared per Watchdog Timer Flow Diagram
0 WD1TM=0
1 WD1TM=1
WD1_WDR
0
0
- WD1 reset latch
Set and cleared per Watchdog Timer Flow Diagram
0 WD1_WDR signal = 0
1 WD1_WDR signal = 1
WSMRST
1
1
- Watchdog state machine reset
Set when WSM reset goes to '1', cleared upon SPI read
0 WSM reset has not occurred
1 WSM reset has occurred
SSMRST
1
1
1 Safing state machine reset
Set when SSM reset goes to '1', cleared upon SPI read
0 SSM reset has not occurred
1 SSM Reset has occurred
POR
1
-
- Power on Reset
Set when POR goes to '1', cleared upon SPI read
0 POR reset has not occurred
1 POR Reset has occurred