Electronic Components Datasheet Search
  English  ▼

X  

L9733XPTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9733XPTR
Description  Automotive octal self configuring low/high side driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9733XPTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9733XPTR Datasheet HTML 4Page - STMicroelectronics L9733XPTR Datasheet HTML 5Page - STMicroelectronics L9733XPTR Datasheet HTML 6Page - STMicroelectronics L9733XPTR Datasheet HTML 7Page - STMicroelectronics L9733XPTR Datasheet HTML 8Page - STMicroelectronics L9733XPTR Datasheet HTML 9Page - STMicroelectronics L9733XPTR Datasheet HTML 10Page - STMicroelectronics L9733XPTR Datasheet HTML 11Page - STMicroelectronics L9733XPTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Operating conditions
L9733
8/35
DocID11319 Rev 12
2
Operating conditions
2.1
Operating range
This part may not operate if taken outside the operating range. Once the condition is
returned within the specified maximum rating or the power is recycled, the part will recover
with no damage or degradation.
2.1.1
Functional operative range
4.5 V ≤ Vbat ≤ 18 V (-40 °C ≤ Tj ≤ 150 °C);
All the electrical capabilities are guaranteed by characterization as reported in Section 3:
Electrical performance characteristics.
2.1.2
Jump start conditions
18 V ≤ Vbat ≤ 27 V (-40 °C ≤ Tj ≤ 150 °C);
Operation at Jump start condition for a maximum duration of 1 minute.
All ouputs are switched according to the commands on the SPI bus or the PWM inputs. The
SPI bus and the inputs are functional during the Jump-Start condition.
The over-temperature shutdown and over current protection of the device are not
guaranteed to stay functional for Vbat between 18 V and 27 V.
The reliability and the functionality of the L9733XP are not compromised when the Jump-
Start condition is not repeated for more than five times.
Table 3. Operating range
Symbol
Parameter
Value
Unit
Vdd
Supply voltage
4.5 to 5.5
V
Vbat (operative
range)
Battery supply voltage
4.5V to 18
V
Vbat @ JSC
18 to 27
Vbat @ low
battery
3.5 to 4.5
Vbat @ load
dump
27 to 40
Tj
Thermal junction temperature range
-40 to 150
°C
Snubbing voltage of DRN1-8
min 50
VDC
IOx
Output current 1-8
max 800
mA
Eso
Maximum clamping energy at switch-off
20
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com