Electronic Components Datasheet Search
  English  ▼

X  

L9848 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9848
Description  Octal configurable low/high side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9848_V01 Datasheet HTML 6Page - STMicroelectronics L9848_V01 Datasheet HTML 7Page - STMicroelectronics L9848_V01 Datasheet HTML 8Page - STMicroelectronics L9848_V01 Datasheet HTML 9Page - STMicroelectronics L9848_V01 Datasheet HTML 10Page - STMicroelectronics L9848_V01 Datasheet HTML 11Page - STMicroelectronics L9848_V01 Datasheet HTML 12Page - STMicroelectronics L9848_V01 Datasheet HTML 13Page - STMicroelectronics L9848_V01 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Electrical specifications
L9848
10/27
IDRN1-8(lk)
DRN1-8 leakage
current (low side)
VDD=0.5Vdc, VSRC1-6=0Vdc,
VDRN1-8=18 Vdc
VDD=0.5Vdc, VSRC1-6=0Vdc, VDRN=35 V
0.1
1.5
5
10
µA
µA
ISRC1-6(lk)
SRC1-6 leakage
current (high side)
VDD=0.5Vdc, VSRC1-6=0Vdc,
VDRN1-8=18 Vdc
VDD=0.5Vdc, VSRC1-6=0Vdc, VDRN=35 V
-5
-10
-0.1
-1.5
µA
µA
IDRN1-8(Sink)
DRN1-8 current sink
(low side)
VSRC1-6=0Vdc, DI=00h,
VDRN1-8 = 18 Vdc
VSRC1-6=0Vdc, DI=00h, VDRN=35 V
50
50
60
80
100
µA
µA
ISRC1-6(Sour)
SRC1-6 current
source (high side)
VSRC1-6=0Vdc, DI=00h,
VDRN1-8 =18 Vdc
VSRC1-6=0Vdc, DI=00h, VDRN=35 V
-80
-100
-50
-60
-30
-30
µA
µA
IDRN1-8(Limit)
DRN1-8 current limit
(low side)
VSRC1-6=0Vdc, DI=FFh,
VDRN1-8 = 4-16 Vdc
0.8
1.3
1.8
A
ISRC1-6(Limit)
SRC1-6 current limit
(high side)
VSRC1-6=0-12 Vdc, DI=FFh,
VDRN1-8 = VBatt
-0.8
1.3
-1.8
A
VDRN1-8(Cl+)
DRN1-8 clamp
voltage (low side)
VSRC1-6=0Vdc, DI=00h, IDRN1-8=10 mA
35
45
55
V
VSRC1-6(Cl+)bat SRC1-6 clamp
voltage (high side)
VDRN1-8=25 V DI=00h, IDRN1-8=10 mA
VBatt–
45
V
VSRC1-6GND
VDRN = 10 V; ISRC = -10 mA
-36
-31
-27
V
VDRN1-8(Fault)
DRN1-8 fault voltage
(low side)
VSRC1-6=0 Vdc, DI=00h
0.9VDD
1.1VDD
V
VSRC1-6(Fault)
SRC1-6 fault voltage
(high side)
VDRN1-8=VBatt, DI=00h
0.55VDD
0.65VD
D
V
RDSONDRN1-8
On-resistance
(DRN1-8)
Tj=110 °C
Tj=25 °C
Tj=-40 °C
1.5
1.0
2.0
1.5
1.3
W
W
W
TjTS
Thermal shutdown
junction
temperature(1)
155
185
°C
TjTSH
Thermal shutdown
threshold hysteresis*
515
K
PORwih
Power on reset
threshold on
3.40
4.50
V
PORwhyst
Power on reset
hysteresis
0.4
0.8
V
1.
Guaranteed by design, not tested
Table 6.
Electrical characteristcs (continued)
(Tj = -40°C to 150°C, VDD = 4.75 Vdc to 5.25 Vdc, VBatt=9 V to 18 V, unless otherwise
specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com