Electronic Components Datasheet Search
  English  ▼

X  

L9848 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L9848
Description  Octal configurable low/high side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9848 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L9848 Datasheet HTML 4Page - STMicroelectronics L9848 Datasheet HTML 5Page - STMicroelectronics L9848 Datasheet HTML 6Page - STMicroelectronics L9848 Datasheet HTML 7Page - STMicroelectronics L9848 Datasheet HTML 8Page - STMicroelectronics L9848 Datasheet HTML 9Page - STMicroelectronics L9848 Datasheet HTML 10Page - STMicroelectronics L9848 Datasheet HTML 11Page - STMicroelectronics L9848 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical specifications
L9848
8/27
2
Electrical specifications
2.1
Absolute maximum ratings
Warning:
For voltages and currents applied externally to the device.
This part may be irreparably damaged if taken outside the
specified absolute maximum rating range
2.2
Operation conditions
Warning:
This part may not operate if taken outside the maximum
ratings. Once the condition is returned to within the specified
maximum rating or the power is re-cycled, the part will
recover with no damage or degradation.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
-0.3 to 7.0
V
Pin voltages
VCS, VDI, VDO,
VSCLK
Data lines voltages
-0.3 to 7.0
V
VIN5, VIN6
Input voltages
-0.3 to 7.0
V
VSRC1 – VSRC8
Output DC voltages
-13.5 to 40
V
VDRN1 – VDRN6
Output DC voltages
-13.5 to 60 (1)
1.
Internally limited.
V
VSRC1 – VSRC8
Output transient voltages
-20 to 40
V
VDRN1 – VDRN6
Output transient voltages
-20 to 60
V
Eout 1-8
Max. dissipation energy (@ 300mA)
60
mJ
Table 4.
Operation conditions
Symbol
Parameter
Value
Unit
VDD
Supply voltage
4.75 to 5.25
V
VBatt
Battery supply voltage
9 to 18
V
Iout
Output current (channel 1-8)
350
mA
Tj
Junction temperature
-40 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com