Electronic Components Datasheet Search
  English  ▼

X  

L9945TR Datasheet(PDF) 110 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 110 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 106Page - STMicroelectronics L9945TR Datasheet HTML 107Page - STMicroelectronics L9945TR Datasheet HTML 108Page - STMicroelectronics L9945TR Datasheet HTML 109Page - STMicroelectronics L9945TR Datasheet HTML 110Page - STMicroelectronics L9945TR Datasheet HTML 111Page - STMicroelectronics L9945TR Datasheet HTML 112Page - STMicroelectronics L9945TR Datasheet HTML 113Page - STMicroelectronics L9945TR Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 144 page
background image
Figure 24. NDIS structure
3.3 V
Input structure
Output structure
IPD
GND
NDIS
To logic
NMOS
3.3 V
GND
GND
VDD5 UV/OV
EN
GADG1003170815PS
Table 31. NDIS OV protection electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VNDIS_OV
NDIS OV disable threshold
Low Side ON
0.8
-
1.0
V
tNDIS_OV
NDIS OV deglitch filter time
-
2.2
2.5
2.7
µs
tNDIS_OV_react
NDIS OV Comparator reaction time
-
100
-
700
ns
6.1.2
VDD5 Overvoltage/Undervoltage
VDD5 is internally monitored to detect overvoltage/undervoltage conditions:
•
In case VDD5 ≥ VVDD5_OV, an internal OV disable is generated after the filter time tVDD5_OV. Such an event
is latched in OV_DIS_LATCH, cleared on SPI readout. In case of overvoltage all outputs except channel 7
and 8 are actively turned off until the next SPI diagnostic readout. Overvoltage comparator status can be
monitored reading OV_VDD5_STATE bit via SPI. If the comparator output goes high due to a transient
overvoltage, the OV_VDD5_LATCH is set, even if the filter time tVDD5_OV hasn't expired. This latch is
cleared on SPI readout and doesn't imply an output disable.
•
In case VPOR ≤ VDD5 ≤ VVDD5_UV, an internal UV disable is generated after the filter time tVDD5_UV1. Such
an event is latched in UV_DIS_LATCH, cleared on SPI readout. Once UV disable is activated it will stay
active at least for tVDD5_UV1 after UV condition disappears. In case of undervoltage all outputs except
channel 7 and 8 are actively turned off. If UV condition disappears, outputs are automatically re-engaged.
Undervoltage comparator output can be monitored by reading UV_DIS_STATE via SPI.
In case VDD5 ≤ VPOR an internal POR is generated and the device is reset. Such an event is latched in
n_POR_LATCH and can be cleared via SPI readout.
Note:
Refer to Table 8 for the electrical characteristics and the parameters regarding VDD5 overvoltage and
undervoltage detection.
When configured as H-Bridge, channels 7 and 8 are handled like other channels and are disabled in case of
VDD5 UV/OV.
L9945
Safety & diagnostics
DS12275 - Rev 10
page 110/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com