Electronic Components Datasheet Search
  English  ▼

X  

L9945TR Datasheet(PDF) 114 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 114 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 110Page - STMicroelectronics L9945TR Datasheet HTML 111Page - STMicroelectronics L9945TR Datasheet HTML 112Page - STMicroelectronics L9945TR Datasheet HTML 113Page - STMicroelectronics L9945TR Datasheet HTML 114Page - STMicroelectronics L9945TR Datasheet HTML 115Page - STMicroelectronics L9945TR Datasheet HTML 116Page - STMicroelectronics L9945TR Datasheet HTML 117Page - STMicroelectronics L9945TR Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 144 page
background image
Figure 27. NDIS/DIS release before NRES release: tCC is selected as watchdog starting timer value. Then,
CC timer switches to tCC.
typ 132ms
NRES
DIS
NDIS
CC function
CC timing
disabled
enabled
110...165ms
55...80ms
55...80ms
GAPG0102161058CFT
The distinction between tCC and tCC_INIT applies only at the beginning of CC. After the first valid SPI frame, CC
always operates with tCC deadline.
In case of no valid communication the CC timer will expire and disable all related outputs. With the next valid
communication the outputs are enabled. Each correct communication restarts the CC timer. If a CC failure is
detected, all channels except 7 and 8 are actively turned off and the CC_LATCH is set high (cleared on SPI
readout).
The CC can be deactivated by programming the CONFIG_CC field via SPI. By default CC is active. CC status
can be monitored by reading the config_CC_STATE SPI bit.
Note:
When configured as H-Bridge, channels 7 and 8 are handled like other channels and are disabled in case of CC
failure.
Table 35. CC timings
Symbol
Parameter
Min. Max. Unit
tCC
Communication Timeout
55
85
ms
tCC_INIT
Deadline for the first communication engagement in case DIS/NDIS are released before NRES
release.
110
165
ms
6.2
Diagnostics overview
The device performs two types of diagnostics for each output channel:
•
ON state diagnostics: overcurrent (OC) detection;
•
OFF state diagnostics: open load (OL), short to ground (STG), and short to battery (STB) detection.
Diagnostic can be enabled/disabled by programming the ENABLE_DIAGNOSTIC bit.
Diagnostic report for all channels is readable via SPI, after having issued the 0x9AAA0001 frame. The diagnostic
status of each channel is encoded in 3 bit (diag_xx[2-0]), as shown in the table below.
L9945
Safety & diagnostics
DS12275 - Rev 10
page 114/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com