Electronic Components Datasheet Search
  English  ▼

X  

L9945TR Datasheet(PDF) 115 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 115 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 111Page - STMicroelectronics L9945TR Datasheet HTML 112Page - STMicroelectronics L9945TR Datasheet HTML 113Page - STMicroelectronics L9945TR Datasheet HTML 114Page - STMicroelectronics L9945TR Datasheet HTML 115Page - STMicroelectronics L9945TR Datasheet HTML 116Page - STMicroelectronics L9945TR Datasheet HTML 117Page - STMicroelectronics L9945TR Datasheet HTML 118Page - STMicroelectronics L9945TR Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 144 page
background image
Table 36. Diagnostic codes
Channel Status
diag_xx[2-0]
Priority
OC pin failure (see note below)
000
1
OC failure
001
2
STG/STB failure
010
3
OL failure
011
4
No failure
100
5
No OC failure
101
6
No OL/STG/STB failure
110
7
No diagnostic done
111
8
Note:
The OC pin failure, corresponding to the code "000" is available only for channels operating in Peak & Hold. This
code is unused in other configurations. Refer to Section 5.6.2 in order to understand how this diagnostic is
performed.
Figure 28. Diagnostic codes quick look
GADG0806171512PS
For an immediate fault detection, the MSB of the diagnostic code can be evaluated, as shown in Figure 28. An
MSB equal to zero indicates that a failure occurred.
By default, all channels will report the "No diagnostic done" message. Such message is also reported in case
diagnostic has been disabled. The diagnostic status follows a priority concept: if more than one event occurs on a
channel, only the one with the highest priority will be encoded in the diag_xx[2-0] bit. Priority codes are related to
the severity of the fault. OC failures have the highest priority.
The diagnostic latches are reset in case of SPI readout, POR or NRES. After a reset event, diagnostic filters are
reset to prevent false detection.
Figure 29 shows an equivalent Finite State Machine (FSM) that helps understanding diagnostic priority.
L9945
Safety & diagnostics
DS12275 - Rev 10
page 115/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com