Electronic Components Datasheet Search
  English  ▼

X  

L9945TR Datasheet(PDF) 126 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 126 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 122Page - STMicroelectronics L9945TR Datasheet HTML 123Page - STMicroelectronics L9945TR Datasheet HTML 124Page - STMicroelectronics L9945TR Datasheet HTML 125Page - STMicroelectronics L9945TR Datasheet HTML 126Page - STMicroelectronics L9945TR Datasheet HTML 127Page - STMicroelectronics L9945TR Datasheet HTML 128Page - STMicroelectronics L9945TR Datasheet HTML 129Page - STMicroelectronics L9945TR Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 144 page
background image
•
HS diagnostics
–
Vout > VOL indicates a STB (see Figure 36)
–
VLVT < Vout < VOL indicates an OL
–
Vout < VLVT is a normal condition for HS configuration
Refer to Table 36 for the diagnostic codes corresponding to the STB/STG and OL faults.
Refer to Section 6.4.2 for the VOL and VLVT thresholds value.
When an OL or STB/STG fault is detected, the corresponding diagnostic code is latched, but no action is taken on
the outputs.
Note:
Vout corresponds to DRNx pin for LS NMOS and HS PMOS configurations, while it is SNGPx pin for HS NMOS
configuration.
6.4.1
Settling and deglitch filter times
A filter time tDIAG has been implemented to allow settling of the output node voltage (Vout) before the comparison
to the diagnostic thresholds.
When an output is switched OFF, the tDIAG filter time is started. When the filter expires, Vout is compared to the
VLVT and VOL thresholds to determine the output diagnostic status (see Figure 36).
The filter time tDIAG can be programmed as follows:
Table 43. Diagnostic filter time selection for OFF state
tdiag_config_xx
Value
Unit
Values available for all configurations
00
25.6
µs
01
61.2
µs
10
105.6
µs
11
150
µs
Additional values available for H-Bridge configuration (refer to H-Bridge OFF state diagnostic timings)
00
11.2
µs
01
28.9
µs
10
40
µs
11
51.2
µs
While in the OFF state, the tDIAG filter is reset and restarts if one of the following condition occurs:
•
LS configuration
–
VLVT crossed with a negative slope (possible STG),
–
VOL crossed with a negative slope (possible OL),
•
HS configuration
–
VLVT crossed with a positive slope (possible OL),
–
VOL crossed with a positive slope (possible STB).
To avoid glitches on threshold crossing, a deglitch filter with tFIL_OFF timeout has been implemented. The deglitch
filter time tFIL_OFF is fixed (see Figure 36):
Table 44. Deglitch filter time for OFF state diagnostics
Symbol
Parameter
Min.
Max.
Unit
tFIL_OFF
Deglitch filter time for OFF state diagnostics
0.3
0.5
µs
L9945
Safety & diagnostics
DS12275 - Rev 10
page 126/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com