Electronic Components Datasheet Search
  English  ▼

X  

L9945TR Datasheet(PDF) 130 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 130 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 126Page - STMicroelectronics L9945TR Datasheet HTML 127Page - STMicroelectronics L9945TR Datasheet HTML 128Page - STMicroelectronics L9945TR Datasheet HTML 129Page - STMicroelectronics L9945TR Datasheet HTML 130Page - STMicroelectronics L9945TR Datasheet HTML 131Page - STMicroelectronics L9945TR Datasheet HTML 132Page - STMicroelectronics L9945TR Datasheet HTML 133Page - STMicroelectronics L9945TR Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 144 page
background image
Figure 39. Fast charge/discharge currents for OL detection: (left) OL detection on LS; (right) OL detection on HS
Vout
Settling
counter
t
t
LS OFF Diagnostics
VLVT
VOL
tDIAG
LS ON
t
Fast charge
VOUT_OL
LS OFF (no OL)
LS ON
LS OFF (OL)
OL
Vout
Settling
counter
t
t
HS OFF Diagnostics
VLVT
VOL
tDIAG
HS ON
t
Fast discharge
VOUT_OL
HS OFF (no OL)
HS ON
HS OFF (OL)
OL
GADG1303171134PS
The table below reports the electrical characteristics of the fast charge/discharge current generators.
Table 48. Fast charge/discharge current generator electrical characteristics
Symbol
Parameter
Min.
Max.
Unit
IFAST_CHG
Vout node fast charge current used in case of LS NMOS
2.4
3.8
mA
IFAST_DIS_P
Vout node fast discharge current used in case of HS PMOS
8
13
mA
IFAST_DIS_N
Vout node fast discharge current used in case of HS NMOS
9
15
mA
Note:
Vout corresponds to DRNx pin for LS NMOS and HS PMOS configurations, while it is SNGPx pin for HS NMOS
configuration.
6.5
Silent diagnostic pulses for static loads
The device features ON/OFF diagnostic pulses of fixed duration for monitoring channels that are in a steady state.
Two type of pulses are available:
•
OFF pulse: turns off the selected channel for a tPULSE_OFF interval. To be used for OL and STG/STB
detection. It is effective only if Tdiag < 100 µs.
•
ON pulse: turns on the selected channel for a tPULSE_ON interval. To be used for OC detection. It is
effective only if Tblank_oc < 80 µs.
Once a diagnostic pulse is over, the output control is released and channel can be driven either by NONx pins or
SPI (as programmed).
Diagnostic pulses can be sent by programming the DIAG_ON_PULSE_xx and DIAG_OFF_PULSE_xx bit in the
COMMAND 9 frame. Pulse requests are latched and are reset once pulse execution is completed.
For each channel:
•
A diagnostic pulse request must not be sent until the previous one is completed. If a pulse request incomes
when pulse latches are still set, it will be ignored.
L9945
Safety & diagnostics
DS12275 - Rev 10
page 130/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com