Electronic Components Datasheet Search
  English  ▼

X  

L9945TR Datasheet(PDF) 137 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 137 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 133Page - STMicroelectronics L9945TR Datasheet HTML 134Page - STMicroelectronics L9945TR Datasheet HTML 135Page - STMicroelectronics L9945TR Datasheet HTML 136Page - STMicroelectronics L9945TR Datasheet HTML 137Page - STMicroelectronics L9945TR Datasheet HTML 138Page - STMicroelectronics L9945TR Datasheet HTML 139Page - STMicroelectronics L9945TR Datasheet HTML 140Page - STMicroelectronics L9945TR Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 144 page
background image
Revision history
Table 54. Document revision history
Date
Revision
Changes
01-Sep-2017
1
Initial release.
17-Jan-2018
2
Updated:
Figure 4;
Fixed typos in RESPONSE 5, RESPONSE 11 and RESPONSE 12 registers;
Table 41;
Fixed typo in Section 6.4.1;
Description;
Replaced in the whole datasheet the term “Starter Relay” by “safety relevant load”;
Changed Figure 25;
Section 6.3.6: Temperature compensation for OC threshold;
Section 6.3.7: Battery compensation for OC threshold;
Figure 36;
Package information
21-May-2018
3
Added Note (1) to Table 17;
Updated Section 5.5.3: H-bridge dead time.
15-Nov-2018
4
Updated Table 5. Thermal behavior.
25-Jun-2019
5
Updated Table 42. Temperature compensation;
Updated Figure 32. TCF vs. Tj;
Minor text changes.
03-Sep-2019
6
Added Note to Table 19. Output response in case of DIR transition
26-Sep-2019
7
Removed watermark Restricted;
Minor text changes.
03-Dec-2019
8
Updated Features.
26-Mar-2025
9
Section Features: removed reference to ISO 26262 and minor typos. Table 24. Diagnostic strategy
for peak & hold configuration: fixed cell LS/HS OFF & LS ON of fault type OUT1 STB; fixed cell
HS/HS ON & LS OFF of fault type OUT1 STG; fixed cells LS/HS OFF & LS ON and LS/HS ON & LS
ON of fault type OUT4 STB. Ordering information: this chapter replaces previous product summary
in the front page.
19-May-2025
10
Typo error fix in Figure 20. Daisy chain and parallel operation
L9945
DS12275 - Rev 10
page 137/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com