Electronic Components Datasheet Search
  English  ▼

X  

L9945TR Datasheet(PDF) 138 Page - STMicroelectronics

Part # L9945TR
Description  Automotive fully configurable 8-channel High/Low side MOSFET pre-driver suitable for 12 V and 24 V systems
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9945TR Datasheet(HTML) 138 Page - STMicroelectronics

Back Button L9945TR Datasheet HTML 134Page - STMicroelectronics L9945TR Datasheet HTML 135Page - STMicroelectronics L9945TR Datasheet HTML 136Page - STMicroelectronics L9945TR Datasheet HTML 137Page - STMicroelectronics L9945TR Datasheet HTML 138Page - STMicroelectronics L9945TR Datasheet HTML 139Page - STMicroelectronics L9945TR Datasheet HTML 140Page - STMicroelectronics L9945TR Datasheet HTML 141Page - STMicroelectronics L9945TR Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 144 page
background image
Contents
1
Block diagram .....................................................................3
2
Output configurations .............................................................4
2.1
High-Side / Low-Side, with configurable FET type (N channel or P channel) ............. 4
2.2
Peak & Hold ................................................................... 6
2.3
H-Bridge ...................................................................... 7
3
Device pins........................................................................9
3.1
Pinout ........................................................................ 9
3.2
Pin names and functions ....................................................... 10
4
Product electrical and thermal characteristics.....................................13
4.1
Absolute maximum ratings...................................................... 13
4.2
Latch-up trials ................................................................ 14
4.3
ESD performance ............................................................. 14
4.4
Thermal behavior ............................................................. 16
4.4.1
Temperature ADC ....................................................... 17
4.5
Range of functionality .......................................................... 18
5
Functional description ............................................................19
5.1
General description............................................................ 19
5.2
Supply concept ............................................................... 19
5.2.1
VDD5 supply block ...................................................... 19
5.2.2
VPS supply block ....................................................... 20
5.2.3
VPS ADC ............................................................. 21
5.2.4
Charge pump (VGBHI) ................................................... 21
5.2.5
VIO supply pin & SDO pin characteristics ..................................... 22
5.3
Reset ....................................................................... 23
5.4
Output pre-drivers ............................................................. 24
5.4.1
Available configurations .................................................. 24
5.4.2
Default configuration and output enable ...................................... 24
5.4.3
Output control .......................................................... 24
5.4.4
Gate charge/discharge currents ............................................ 24
5.4.5
Internal and external clamping ............................................. 25
5.4.6
Electrical characteristics .................................................. 26
5.5
H-Bridge ..................................................................... 27
5.5.1
H-Bridge driving modes................................................... 28
5.5.2
H-Bridge diagnostics ..................................................... 29
5.5.3
H-bridge dead time ...................................................... 29
L9945
Contents
DS12275 - Rev 10
page 138/144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com