Electronic Components Datasheet Search
  English  ▼

X  

L9953TR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9953TR
Description  Door actuator driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9953TR Datasheet(HTML) 1 Page - STMicroelectronics

  L9953TR Datasheet HTML 1Page - STMicroelectronics L9953TR Datasheet HTML 2Page - STMicroelectronics L9953TR Datasheet HTML 3Page - STMicroelectronics L9953TR Datasheet HTML 4Page - STMicroelectronics L9953TR Datasheet HTML 5Page - STMicroelectronics L9953TR Datasheet HTML 6Page - STMicroelectronics L9953TR Datasheet HTML 7Page - STMicroelectronics L9953TR Datasheet HTML 8Page - STMicroelectronics L9953TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
September 2013
Doc ID 14278 Rev 4
1/38
1
L9953
L9953XP
Door actuator driver
Features
■
One full bridge for 6A load (Ron=150mΩ)
■
Three half bridges for 1.5A load (Ron=800mΩ)
■
One highside driver for 6A load (Ron=100mΩ)
■
Two highside drivers for 1.5A load (Ron=800mΩ)
■
Programmable softstart function to drive loads
with higher inrush currents (i.e. current >6A,
>1.5A)
■
Very low current consumption in stand-by
mode (IS < 6µA typ; Tj ≤ 85 °C)
■
All outputs short circuit protected
■
Current monitor output for highside OUT1,
OUT4, OUT5 and OUT8
■
All outputs over temperature protected
■
Open load diagnostic for all outputs
■
Overload diagnostic for all outputs
■
Separated half bridges for door lock motor
■
PWM control of all outputs
■
Charge pump output for reverse polarity
protection
Applications
■
Door actuator driver with bridges for door lock ,
mirror axis control, mirror fold and highside
driver for mirror defroster and two 10W-light
bulbs.
Description
The L9953 and L9953XP are microcontroller
driven multifunctional door actuator driver for
automotive applications. Up to three DC motors
and three grounded resistive loads can be driven
with five half bridges and three highside drivers.
The integrated standard serial peripheral interface
(SPI) controls all operation modes (forward,
reverse, brake and high impedance). All
diagnostic informations are available via SPI.
PowerSO-36
PowerSSO-36
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSO-36
L9953
L9953TR
PowerSSO-36
L9953XP
L9953XPTR
www.st.com


Similar Part No. - L9953TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9953TR STMICROELECTRONICS-L9953TR Datasheet
541Kb / 38P
Door actuator driver
14-May-2010
More results

Similar Description - L9953TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9949 STMICROELECTRONICS-L9949 Datasheet
334Kb / 20P
DOOR ACTUATOR DRIVER
Sep-2002
L9951 STMICROELECTRONICS-L9951 Datasheet
52Kb / 4P
DOOR ACTUATOR DRIVER
Apr-2004
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
DOOR ACTUATOR DRIVER
L9950 STMICROELECTRONICS-L9950_09 Datasheet
626Kb / 39P
Door actuator driver
09-Jun-2009
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
Door actuator driver
14-May-2010
L9954 STMICROELECTRONICS-L9954 Datasheet
537Kb / 37P
Door actuator driver
17-May-2010
L99DZ70XP STMICROELECTRONICS-L99DZ70XP Datasheet
686Kb / 47P
Door actuator driver
19-Nov-2010
L99DZ81EP STMICROELECTRONICS-L99DZ81EP Datasheet
67Kb / 4P
Door actuator driver
16-Nov-2011
L99DZ70XPTR STMICROELECTRONICS-L99DZ70XPTR Datasheet
535Kb / 47P
Door actuator driver
22-Sep-2013
L9953LXP STMICROELECTRONICS-L9953LXP Datasheet
363Kb / 35P
Door actuator driver
19-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com