Electronic Components Datasheet Search
  English  ▼

X  

STA32613TR Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA32613TR
Description  2.1-channel high-efficiency digital audio system
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA32613TR Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA32613TR Datasheet HTML 27Page - STMicroelectronics STA32613TR Datasheet HTML 28Page - STMicroelectronics STA32613TR Datasheet HTML 29Page - STMicroelectronics STA32613TR Datasheet HTML 30Page - STMicroelectronics STA32613TR Datasheet HTML 31Page - STMicroelectronics STA32613TR Datasheet HTML 32Page - STMicroelectronics STA32613TR Datasheet HTML 33Page - STMicroelectronics STA32613TR Datasheet HTML 34Page - STMicroelectronics STA32613TR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
DocID11531 Rev 9
31/64
STA326
Register description
64
For ease of use, all channels can use the biquad coefficients loaded into the channel 1
coefficient RAM space by setting the BQL bit to 1. Therefore, any EQ updates only have to
be performed once.
Both limiters can be used in one of two ways, anti-clipping or dynamic range compression.
When used in anti-clipping mode the limiter threshold values are constant and dependent
on the limiter settings. In dynamic range compression mode the limiter threshold values vary
with the volume settings allowing a nighttime listening mode that provides a reduction in the
dynamic range regardless of the volume level.
Setting the ZDE bit enables the zero-detect automatic mute. When ZDE = 1, the zero detect
circuit looks at the input data to each processing channel after the channel-mapping block. If
any channel receives 2048 consecutive zero value samples (regardless of fs) then that
individual channel is muted if this function is enabled.
Table 29. Biquad coefficient link
Bit
R/W
RST
Name
Description
4
RW
0
BQL
Biquad link:
0: each channel uses coefficient values
1: each channel uses channel 1 coefficient values
Table 30. Dynamic range compression/anti-clipping bit
Bit
R/W
RST
Name
Description
5
RW
0
DRC
Dynamic range compression/anti-clipping
0: limiters act in anti-clipping mode
1: limiters act in dynamic range compression mode
Table 31. Zero detect mute enable
Bit
R/W
RST
Name
Description
6
RW
1
ZDE
Zero detect mute enable: setting of 1 enables the
automatic zero-detect mute
Table 32. Miami mode enable
Bit
R/W
RST
Name
Description
7
RW
0
MME
Miami mode enable:
0: sub mix into left/right disabled
1: sub mix into left/right enabled
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com