Electronic Components Datasheet Search
  English  ▼

X  

STA333BW Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA333BW
Description  2.1 channel 40 W high-efficiency digital audio system Sound Terminal
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333BW Datasheet(HTML) 3 Page - STMicroelectronics

  STA333BW Datasheet HTML 1Page - STMicroelectronics STA333BW Datasheet HTML 2Page - STMicroelectronics STA333BW Datasheet HTML 3Page - STMicroelectronics STA333BW Datasheet HTML 4Page - STMicroelectronics STA333BW Datasheet HTML 5Page - STMicroelectronics STA333BW Datasheet HTML 6Page - STMicroelectronics STA333BW Datasheet HTML 7Page - STMicroelectronics STA333BW Datasheet HTML 8Page - STMicroelectronics STA333BW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
DocID13773 Rev 5
3/68
STA333BW
Contents
68
6.4.2
Current address multi-byte read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
6.4.3
Random address byte read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
6.4.4
Random address multi-byte read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
7
Register description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
7.1
Configuration registers (addr 0x00 to 0x05) . . . . . . . . . . . . . . . . . . . . . . . 23
7.1.1
Configuration register A (addr 0x00) . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
7.1.2
Configuration register B (addr 0x01) . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
7.1.3
Configuration register C (addr 0x02) . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
7.1.4
Configuration register D (addr 0x03) . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
7.1.5
Configuration register E (addr 0x04) . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
7.1.6
Configuration register F (addr 0x05) . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
7.2
Volume control registers (addr 0x06 - 0x0A) . . . . . . . . . . . . . . . . . . . . . . 41
7.2.1
Mute / line output configuration register (addr 0x06) . . . . . . . . . . . . . . . 42
7.2.2
Master volume register (addr 0x07) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
7.2.3
Channel 1 volume (addr 0x08) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
7.2.4
Channel 2 volume (addr 0x09) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
7.2.5
Channel 3 / line output volume (addr 0x0A) . . . . . . . . . . . . . . . . . . . . . 43
7.3
Audio preset registers (addr 0x0B and 0x0C) . . . . . . . . . . . . . . . . . . . . . 44
7.3.1
Audio preset register 1 (addr 0x0B) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
7.3.2
Audio preset register 2 (addr 0x0C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
7.4
Channel configuration registers (addr 0x0E - 0x10) . . . . . . . . . . . . . . . . . 46
7.5
Tone control register (addr 0x11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
7.6
Dynamic control registers (addr 0x12 - 0x15) . . . . . . . . . . . . . . . . . . . . . 48
7.6.1
Limiter 1 attack / release rate (addr 0x12) . . . . . . . . . . . . . . . . . . . . . . . 48
7.6.2
Limiter 1 attack / release threshold (addr 0x13) . . . . . . . . . . . . . . . . . . 48
7.6.3
Limiter 2 attack / release rate (addr 0x14) . . . . . . . . . . . . . . . . . . . . . . . 49
7.6.4
Limiter 2 attack / release threshold (addr 0x15) . . . . . . . . . . . . . . . . . . 49
7.6.5
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
7.7
User-defined coefficient control registers (addr 0x16 - 0x26) . . . . . . . . . . 54
7.7.1
Coefficient address register (addr 0x16) . . . . . . . . . . . . . . . . . . . . . . . . 54
7.7.2
Coefficient b1 data register bits (addr 0x17 - 0x19) . . . . . . . . . . . . . . . . 54
7.7.3
Coefficient b2 data register bits (addr 0x1A - 0x1C) . . . . . . . . . . . . . . . 54
7.7.4
Coefficient a1 data register bits (addr 0x1D - 0x1F) . . . . . . . . . . . . . . . 54
7.7.5
Coefficient a2 data register bits (addr 0x20 - 0x22) . . . . . . . . . . . . . . . . 55
7.7.6
Coefficient b0 data register bits (addr 0x23 - 0x25) . . . . . . . . . . . . . . . . 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com