Electronic Components Datasheet Search
  English  ▼

X  

STA339BW Datasheet(PDF) 77 Page - STMicroelectronics

Part # STA339BW
Description  2.1-channel high-efficiency digital audio system
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA339BW Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STA339BW Datasheet HTML 70Page - STMicroelectronics STA339BW Datasheet HTML 71Page - STMicroelectronics STA339BW Datasheet HTML 72Page - STMicroelectronics STA339BW Datasheet HTML 73Page - STMicroelectronics STA339BW Datasheet HTML 74Page - STMicroelectronics STA339BW Datasheet HTML 75Page - STMicroelectronics STA339BW Datasheet HTML 76Page - STMicroelectronics STA339BW Datasheet HTML 77Page - STMicroelectronics STA339BW Datasheet HTML 78Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 77 / 78 page
background image
DocID15251 Rev 8
77/78
STA339BW
Revision history
78
11
Revision history
Table 87. Document revision history
Date
Revision
Changes
09-Dec-2008
1
Initial release
16-Feb-2009
2
Updated names/descriptions for pins 17-20 in Chapter 2 on page 12
Added cross reference to I2S interface setup in Section 3.6: Power
on/off sequence on page 18
Updated text and Figure 23: Application diagram on page 72
Updated Section 8.2: PLL filter on page 72
01-Apr-2009
3
Updated Y dimension in Table 86: PowerSSO-36 EPD dimensions
on page 75
15-May-2009
4
Updated Chapter 1 on page 10 to “8 programmable 28-bit biquads”
Updated Iil and Iih in Table 6: Electrical specifications - digital section
on page 15
Updated Ilim and Isc in Table 7: Electrical specifications - power
section on page 16
Updated register FDRC addresses in Section 7.1.5: Fault detect
recovery bypass on page 30
Updated bits 4 and 5 in Table 74: Status register bits on page 65.
04-Aug-2010
5
Updated order code in Table 1: Device summary on page 1
Updated name of Chapter 10 on page 75 to Package mechanical
data
18-Sep-2013
6
Added Section 4 on page 20
Modified Note:: The read write operation on RAM coefficients works
only if RLCKI (pin29) is switching and stable (ref. Table 9, tLRJT
timing) and PLL must be locked (ref bit D7 reg 0x2D). on page 60
Updated Company information appearing on last page of document
13-Feb-2014
7
Updated order code in Table 1 on page 1
05-Jan-2015
8
Updated Ilim in Table 7: Electrical specifications - power section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com