Electronic Components Datasheet Search
  English  ▼

X  

VN920DSP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN920DSP
Description  HIGH SIDE DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920DSP Datasheet(HTML) 1 Page - STMicroelectronics

  VN920DSP Datasheet HTML 1Page - STMicroelectronics VN920DSP Datasheet HTML 2Page - STMicroelectronics VN920DSP Datasheet HTML 3Page - STMicroelectronics VN920DSP Datasheet HTML 4Page - STMicroelectronics VN920DSP Datasheet HTML 5Page - STMicroelectronics VN920DSP Datasheet HTML 6Page - STMicroelectronics VN920DSP Datasheet HTML 7Page - STMicroelectronics VN920DSP Datasheet HTML 8Page - STMicroelectronics VN920DSP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
September 2013
VN920DSP
HIGH SIDE DRIVER
Table 1. General Features
s
CMOS COMPATIBLE INPUT
s
ON STATE OPEN LOAD DETECTION
s
OFF STATE OPEN LOAD DETECTION
s
SHORTED LOAD PROTECTION
s
UNDERVOLTAGE AND OVERVOLTAGE
SHUTDOWN
s
PROTECTION AGAINST LOSS OF GROUND
s
VERY LOW STAND-BY CURRENT
s
REVERSE BATTERY PROTECTION (*)
DESCRIPTION
The VN920DSP is a monolithic device made by
using
STMicroelectronics
VIPower
M0-3
Technology, intended for driving any kind of load
with one side connected to ground.
Active VCC pin voltage clamp protects the device
against low energy spikes (see ISO7637 transient
compatibility table).
Figure 1. Package
Active current limitation combined with thermal
shutdown and automatic restart protect the device
against overload.
The device detects open load condition both is on
and off state. Output shorted to VCC is detected in
the off state. Device automatically turns off in case
of ground pin disconnection.
Table 2. Order Codes
Note: (*) See application schematic at page 9
Type
RDS(on)
Iout
VCC
VN920DSP
16 m
Ω
25 A
36 V
1
10
PowerSO-10
Package
Tube
Tape and Reel
PowerSO-10™
VN920DSP
VN920DSP13TR
DocID
10683 Rev 3


Similar Part No. - VN920DSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
HIGH SIDE DRIVER
rev. A
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
177Kb / 19P
HIGH SIDE DRIVER
Oct-2004
VN920DSP-E STMICROELECTRONICS-VN920DSP-E Datasheet
184Kb / 19P
HIGH SIDE DRIVER
Oct-2004
VN920DSP.E STMICROELECTRONICS-VN920DSP.E Datasheet
1Mb / 22P
for car body applications
Oct-2013
VN920DSP13TR STMICROELECTRONICS-VN920DSP13TR Datasheet
250Kb / 17P
HIGH SIDE DRIVER
rev. A
More results

Similar Description - VN920DSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
HIGH SIDE DRIVER
rev. A
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
HIGH SIDE DRIVER
rev. A
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
HIGH SIDE DRIVER
Oct-2003
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
HIGH SIDE DRIVER
Jul-2004
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
HIGH SIDE DRIVER
Jun-2004
VN800S-E STMICROELECTRONICS-VN800S-E Datasheet
262Kb / 24P
HIGH SIDE DRIVER
Oct-2004
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
High side driver
08-Jul-2008
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
High-side driver
07-Feb-2011
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
HIGH SIDE DRIVER
Oct-2004
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
High-side driver
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com