Electronic Components Datasheet Search
  English  ▼

X  

070-080 Datasheet(PDF) 4 Page - Elma Electronic Ltd

Part # 070-080
Description  RUGGEDISED BOX PC SOLUTION FOR AI EDGE COMPUTING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

070-080 Datasheet(HTML) 4 Page - Elma Electronic Ltd

  070-080 Datasheet HTML 1Page - Elma Electronic Ltd 070-080 Datasheet HTML 2Page - Elma Electronic Ltd 070-080 Datasheet HTML 3Page - Elma Electronic Ltd 070-080 Datasheet HTML 4Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.elma.com
6-Aug-2025 | 10.45
DATA SHEET
Please contact our sales team for more details.
China: +86 21 5866 5908
France: +33 388 56 72 50
Germany: +49 7231 97 34 0
Israel: +972 3 930 50 25
Singapore: +65 6479 8552
Switzerland: +41 44 933 41 11
United Kingdom: +44 1234 838 822
United States: +1 510 656 3400
JETSYS-2010
RUGGEDISED BOX PC SOLUTION FOR AI EDGE COMPUTING
©
Copyright 2025 by Elma Electronic GmbH, D-75179 Pforzheim. Subject to technical modifications, all data supplied without liability.
DIMENSIONS
CABLING AND POWER OPTIONS
Cable Kit
Pos
Elma PN
Description
1
072-852
Cablekit 1
- 2x M12 to RJ45, 2m
- 1x M12 to USB 2.0, 2m
- 1x M12 to RS232, 2m
- 1x USB Adapter F/F
2
072-857
Cablekit 2
- 2x M12 to RJ45, 2m
- 1x M12 to USB 2.0, 2m
- 1x M12 to RS485, 2m
- 1x USB Adapter F/F
3
072-861
Cablekit 3
- 2x M12 to RJ45, 2m
- 1x M12 to USB 2.0, 2m
- 1x M12 to CAN, 1m
- 1x USB Adapter F/F
Power
Pos
Elma PN
Description
1
073-443
1x Full External PSU
2
071-868
1x M12 Power Connector
3
071-866
1x 2 m M12 Power Connector
with Open End
Pos
Elma PN
Description
1
070-080
JetSys-2010, Orin NX 16GB
Individual cabling
Pos
Elma PN
Description
1
071-869
1x 2 m M12 to RJ45
2
072-758
1x 2 m M12 to USB 2.0
3
072-759
1x 2 m M12 to RS232
4
072-922
1x 2 m M12 to RS485
5
072-760
1x 1 m M12 to CAN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com