Electronic Components Datasheet Search
  English  ▼

X  

072-852 Datasheet(PDF) 2 Page - Elma Electronic Ltd

Part # 072-852
Description  RUGGEDISED BOX PC SOLUTION FOR AI EDGE COMPUTING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

072-852 Datasheet(HTML) 2 Page - Elma Electronic Ltd

  072-852 Datasheet HTML 1Page - Elma Electronic Ltd 072-852 Datasheet HTML 2Page - Elma Electronic Ltd 072-852 Datasheet HTML 3Page - Elma Electronic Ltd 072-852 Datasheet HTML 4Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.elma.com
6-Aug-2025 | 10.45
DATA SHEET
JETSYS-2010
RUGGEDISED BOX PC SOLUTION FOR AI EDGE COMPUTING
Dimensions
Height
64 mm
Width
182 mm
Depth
161 mm
Weight
1.5 kg
Processor
Nvidia® Jetson Orin™ NX 16 GB
operating mode max. 25 W
Storage
M.2, 512 GB; 2242 NVMe SSD
M.2, 1TB; 2242 NVMe SSD
M.2, 2TB 2242 NVMe SSD
default
Interfaces
2x Gigabit Ethernet,
1x USB 2.0, 1x User defined, S1
Option 1 RS 232 default
Option 2 RS 485
Option 3 1x CAN
Cooling
Cooling concept
Passive, conduction cooled
Protection class
IP 4x
Power supply unit
Output (max.)
50 W
Output voltages per unit (max.)
12 VDC
Input voltage
24 – 110 VDC
Environmental
Input Voltage
24V – 110VDC / Hold-Up Class: S2 (10ms) according to EN 50155
Operating Temperature
-20°C - +70°C
Cooling
Natural convection
Storage Temperature Range
-30°C - +85°C
Altitude Class
Class Ax (>1400 m)
Polution Degree
PD2 according to EN 50124-1
Shock and Vibration
According to EN 61373:2010
Rapid Temperature Variation
Class H1 according to EN 50155
Protective Coating
Class PC2 according to EN 50155
Fire behaviour
EN 45545-2
Jet Pack Support
Jet Pack 5.1.3 and higher
EMC
Test
Standard
Performance criteria
Surges
EN 50155:2021, EN 50121-3-2:2016
A
Electrostatic discharge
EN 50155:2021, EN 50121-3-2:2016
A
Fast transients
EN 50155:2021, EN 50121-3-2:2016
A
Radio-frequency common mode
EN 50155:2021, EN 50121-3-2:2016
A
Radio-frequency electromagnetic field
EN 50155:2021, EN 50121-3-2:2016
A
Conducted emissions
EN 50155:2021, EN 50121-3-2:2016
Compliant with EN 55032 Class A
Radiated emissions
EN 50155:2021, EN 50121-3-2:2016
Compliant with EN 55032 Class A
Safety standards
EN 50155, EN 62368-1
Insulation Coordination
According to EN 50124-1
SPECIFICATIONS
EXAMPLE ORDER NUMBER
PART NUMBER
JetSys-2010
070-080



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com