Electronic Components Datasheet Search
  English  ▼

X  

33E514 Datasheet(PDF) 13 Page - Elma Electronic Ltd

Part # 33E514
Description  GUARDBOX 33
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

33E514 Datasheet(HTML) 13 Page - Elma Electronic Ltd

Back Button 33E514 Datasheet HTML 8Page - Elma Electronic Ltd 33E514 Datasheet HTML 9Page - Elma Electronic Ltd 33E514 Datasheet HTML 10Page - Elma Electronic Ltd 33E514 Datasheet HTML 11Page - Elma Electronic Ltd 33E514 Datasheet HTML 12Page - Elma Electronic Ltd 33E514 Datasheet HTML 13Page - Elma Electronic Ltd 33E514 Datasheet HTML 14Page - Elma Electronic Ltd 33E514 Datasheet HTML 15Page - Elma Electronic Ltd 33E514 Datasheet HTML 16Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.elma.com
03|21
13|16
DESIGN AND COMPACT CASE
GUARDBOX 33
DATASHEET
EARTHING TERMINAL
Front panel screws:
■
Earthing terminal enables EN / VDE / NIV-compliant earthing
Scope of delivery:
■
1 earthing nut M3.5
■
1 threaded bolt M3.5
■
1 clamp bracket
■
2 serrated washers
■
1 nut M3.5
■
1 earthing symbol
Enclosure
Part No.
180 mm | 7.08 inch
Part No.
240 mm | 9.44 inch
Part No.
300 mm | 11.81 inch
0 and 1
33-313
33-314
2, 3 and 5
33-324
33-325
4
33-344
Enclosure
Description
Part No.
0 - 5
Earthing terminal
33-619
Accessories
MOUNTING PLATES
■
Mounting plates of 2 mm (0.07'') thick sheet aluminum
■
Dimensions correspond to the respective enclosure size
■
Position of the slots allows various mounting arrangements and good air circulation
■
The mounting plate is screwed to the grooved enclosure profile
Scope of delivery:
■
1 mounting plate, aluminum raw
■
Assembly material included in the basic set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com