Electronic Components Datasheet Search
  English  ▼

X  

VPX3424/T02 Datasheet(PDF) 3 Page - Elma Electronic Ltd

Part # VPX3424/T02
Description  OpenVPX™ 3U Single Board Computer with T4240
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd

VPX3424/T02 Datasheet(HTML) 3 Page - Elma Electronic Ltd

  VPX3424/T02 Datasheet HTML 1Page - Elma Electronic Ltd VPX3424/T02 Datasheet HTML 2Page - Elma Electronic Ltd VPX3424/T02 Datasheet HTML 3Page - Elma Electronic Ltd VPX3424/T02 Datasheet HTML 4Page - Elma Electronic Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Medusa VPX3424
VPX3424 Datasheet
Page 3 of 4
07-01-2014
Features
 OpenVPX™ 3U Single Board Computer (VITA 46, VITA 65)
 Freescale® T4240 with 12 dual-threaded e6500 cores up to 1.8GHz (up to 216 GFlops)
o
Three clusters of 4 cores and 2MB cache per cluster
o
Each core has built-in AltiVec® technology accelerators
o
Highest SoC CoreMark™ score to date – 187,874 points (coremark.org)
o
Almost four times faster than the Freescale® P4080
o
QorIQ® Data Path Acceleration Architecture support
o
Advanced MMU capabilities for enhanced safety and reliability
o
Part of the Freescale® Product Longevity Program
 Up to 12GB of DDR3 RAM
o
Three DDR3 controllers; 64-bit bus with ECC up to 1866MT/s (2133MT/s TBC)
o
Backed by 1.5MB of CoreNet™ Platform Cache
 Non-volatile storage options:
o
2Mbit of FRAM
o
Up to 64GB eMMC
o
256MB Flash for programs
 User-programmable FPGA
o
Can use up to 36 free pins on the OpenVPX™ User I/O
o
PCI Express x4 connection between CPU and FPGA
o
IFC connection between CPU and FPGA
 Extensive on-board temperature, voltage and current monitoring and logging capabilities
 Board Management Control on IPMC bus (VITA 46.11)
 On-board Elapsed Time Indicator
 Debug facilities through AURORA and JTAG on-board connector
 Interfaces (available with use of RTM):
o
IPMC bus
o
Software configurable data plane:
2x PCIe x4 or 1x PCIe x8 or 1x PCIe x4 and 1x Serial RapidIO® x4
o
Control plane: up to four Gigabit Ethernet links (1000BASE-T or 1000BASE-KX)
o
Four 10GBit Ethernet (10GBase-KR)
o
Two SATA 2.0 ports
o
Two USB 2.0 ports
o
SerDes x4 lanes
o
Software configurable: two UARTs or one UARTs with RTS/CTS
o
CAN ports, FPGA IP using GPIO pins
 Air-cooled and conduction cooled ruggedized REDI (VITA 48) variants available
 Operation temperature of components for the REDI compliant board, conduction cooled, is at least
-40..+85
o Celsius. The air cooled board may have different operation temperature range components.
 Optional conformal coating.
Ordering information
 VPX3424/T01 T4240 1.5GHz Enc (std temp), air cooled, 3 x 2GB DDR3 RAM, 64GB eMMC
 VPX3424/T02 T4240 1.8GHz Enc (std temp), air cooled, 3 x 2GB DDR3 RAM, 64GB eMMC
 VPX3424/T03 T4240 1.5GHz Enc (ext temp), conduction cooled, 3 x 2GB DDR3 RAM, 64GB eMMC
 VPX3416/T01 T4160 1.5GHz Enc (std temp), air cooled, 2 x 2GB DDR3 RAM, 64GB eMMC
 VPX3416/T02 T4160 1.8GHz Enc (std temp), air cooled, 2 x 2GB DDR3 RAM, 64GB eMMC
 VPX3416/T03 T4160 1.5GHz, Enc (ext temp), conduction cooled, 2 x 2GB DDR3 RAM, 64GB eMMC
 RTM3424/T01 RTM for VPX3424 and VPX3416
 Other configurations on request.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com