Electronic Components Datasheet Search
  English  ▼

X  

STR101 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # STR101
Description  Lighting Accessories
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

STR101 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  STR101 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/11/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301120246
Status:
Active
Overview:
Lighting Accessories
Description:
Guard Only (LITE-A-SITE), Polypropylene
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Portable Lighting
Series
130112
NEMA Configuration
N/A
Outlet
None
Overview
Lighting Accessories
Product Literature Order No
987650-8055
Product Name
Woodhead
Type
Accessory
UPC
78678879982
Woodhead
Yes
Physical
Cord Length - Primary
N/A
Cord Length - Secondary
N/A
Depth
109.22mm (4.300")
Duty
Commercial
Guard Included
No
Guard Type
N/A
Height
165.10mm (6.500”)
Length
N/A
Material - Guard
Polypropylene
Net Weight
45.359/g
Packaging Type
Carton
Socket Construction
N/A
Electrical
Bulb Type
N/A
Lamp Type
A21
Lamp Wattage - Maximum
N/A
Lumens
N/A
On/Off Switch
No
Voltage (Fixture) - Maximum
N/A
Material Info
Engineering Number
STR101
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
130112 Series
This document was generated on 10/11/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - STR101

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
STR10100BF PANJIT-STR10100BF Datasheet
252Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
April 29,2022
STR10100BF_R2_00701 PANJIT-STR10100BF_R2_00701 Datasheet
252Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
April 29,2022
STR10100LBF PANJIT-STR10100LBF Datasheet
250Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
May 16,2022
STR10100LBF_R1_00701 PANJIT-STR10100LBF_R1_00701 Datasheet
250Kb / 5P
Surface Mount Low VF Schottky Barrier Rectifier
May 16,2022
STR10100LSS PANJIT-STR10100LSS Datasheet
180Kb / 5P
Low VF Schottky Barrier Rectifier
May 19,2022
More results

Similar Description - STR101

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
Accessories
logo
TDK Electronics
B65840H1106T001 TDK-B65840H1106T001 Datasheet
269Kb / 5P
Accessories
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
Accessories
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
Accessories
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com