Electronic Components Datasheet Search
  English  ▼

X  

BAV103 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAV103
Description  High Voltage, General Purpose Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV103 Datasheet(HTML) 2 Page - ON Semiconductor

  BAV103 Datasheet HTML 1Page - ON Semiconductor BAV103 Datasheet HTML 2Page - ON Semiconductor BAV103 Datasheet HTML 3Page - ON Semiconductor BAV103 Datasheet HTML 4Page - ON Semiconductor BAV103 Datasheet HTML 5Page - ON Semiconductor BAV103 Datasheet HTML 6Page - ON Semiconductor BAV103 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BAV103 Rev. 1.1.0
1
April 2013
BAV103
High Voltage, General Purpose Diode
Absolute Maximum Ratings(1)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Note:
1. These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Thermal Characteristics
Symbol
Parameter
Value
Units
WIV
Working Inverse Voltage
200
V
IO
Average Rectified Current
200
mA
IF
DC Forward Current
500
mA
if
Recurrent Peak Forward Current
600
mA
IFSM
Non-repetitive Peak Forward Current
Pulse Width = 1.0 s
1.0
A
Pulse Width = 1.0
μs4.0
A
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature
-65 to +200
°C
Symbol
Parameter
Value
Units
PD
Power Dissipation
500
mW
Linear Derating Factor from TA = 25°C3.33
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient
350
°C/W
SOD80
Cathode Band
Description
A general purpose diode that couples high forward con-
ductance fast swiching speed and high blocking volt-
ages in a glass leadless LL-34 surface mount package.
Placement of the expansion gap has no relationship to
the location of the cathode terminal which is indicated by
the first color band.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com