Electronic Components Datasheet Search
  English  ▼

X  

DRV8353FSRTAR Datasheet(PDF) 21 Page - Texas Instruments

Part # DRV8353FSRTAR
Description  DRV835xF 100-V Three-Phase Smart Gate Driver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8353FSRTAR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8353FSRTAR Datasheet HTML 17Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 18Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 19Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 20Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 21Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 22Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 23Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 24Page - Texas Instruments DRV8353FSRTAR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 83 page
background image
Gate Driver
Gate Driver
Gate Driver
Fault Output
Digital
Core
Control
Inputs
Power Supplies
VCP
Charge
Pump
DVDD
Linear
Regulator
VGLS
Linear
Regulator
Protection
Smart Gate
Drive
GHA
HS
VCP
SHA
GLA
LS
VGLS
SPA
VDRAIN
GHB
HS
VCP
SHB
GLB
LS
VGLS
SPB
VDRAIN
GHC
HS
VCP
SHC
GLC
LS
VGLS
SPC
VDRAIN
nFAULT
VDRAIN
VM
0.1 …F
VM
VCP
1 …F
>10 …F
CPH
CPL
DVDD
47 nF
1 …F
INHA
INLA
INHB
INLB
INHC
ENABLE
GND
INLC
RPU
VCC
VGLS
1 …F
VDRAIN
AV
AV
AV
Output
Offset
Bias
SPC
SNC
SPB
SNB
SPA
SNA
RSENC
RSENB
RSENA
SOC
SOB
SOA
AGND
VREF
0.1 …F
VCC
SPI
SDI
SDO
SCLK
nSCS
RPU
VCC
Figure 8-4. Block Diagram for DRV8353FS
8.3 Feature Description
8.3.1 Three Phase Smart Gate Drivers
The DRV835xF family of devices integrates three, half-bridge gate drivers, each capable of driving high-side and
low-side N-channel power MOSFETs. The VCP doubler charge pump provides the correct gate bias voltage to
the high-side MOSFET across a wide operating voltage range in addition to providing 100% duty-cycle support.
The internal VGLS linear regulator provides the gate-bias voltage for the low-side MOSFETs. The half-bridge
gate drivers can be used in combination to drive a three-phase motor or separately to drive other types of loads.
www.ti.com
DRV8350F, DRV8353F
SLVSFV1B – AUGUST 2018 – REVISED AUGUST 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DRV8350F DRV8353F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com