Electronic Components Datasheet Search
  English  ▼

X  

DRV8841PWPR Datasheet(PDF) 13 Page - Texas Instruments

Part # DRV8841PWPR
Description  DRV8841 Dual H-Bridge Driver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8841PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV8841PWPR Datasheet HTML 9Page - Texas Instruments DRV8841PWPR Datasheet HTML 10Page - Texas Instruments DRV8841PWPR Datasheet HTML 11Page - Texas Instruments DRV8841PWPR Datasheet HTML 12Page - Texas Instruments DRV8841PWPR Datasheet HTML 13Page - Texas Instruments DRV8841PWPR Datasheet HTML 14Page - Texas Instruments DRV8841PWPR Datasheet HTML 15Page - Texas Instruments DRV8841PWPR Datasheet HTML 16Page - Texas Instruments DRV8841PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
DRV8841
www.ti.com
SLVSAC0F – MAY 2010 – REVISED DECEMBER 2015
7.3.6 Protection Circuits
The DRV8841 is fully protected against undervoltage, overcurrent and overtemperature events.
7.3.6.1 Overcurrent Protection (OCP)
An analog current limit circuit on each FET limits the current through the FET by removing the gate drive. If this
analog current limit persists for longer than the OCP time, all FETs in the H-bridge will be disabled and the
nFAULT pin will be driven low. The device will remain disabled until either nRESET pin is applied, or VM is
removed and reapplied.
Overcurrent conditions on both high and low side devices; that is, a short to ground, supply, or across the motor
winding will all result in an overcurrent shutdown. Note that overcurrent protection does not use the current sense
circuitry used for PWM current control, and is independent of the ISENSE resistor value or VREF voltage.
7.3.6.2 Thermal Shutdown (TSD)
If the die temperature exceeds safe limits, all FETs in the H-bridge will be disabled and the nFAULT pin will be
driven low. Once the die temperature has fallen to a safe level operation will automatically resume.
7.3.6.3 Undervoltage Lockout (UVLO)
If at any time the voltage on the VM pins falls below the undervoltage lockout threshold voltage, all circuitry in the
device will be disabled and internal logic will be reset. Operation will resume when VM rises above the UVLO
threshold.
7.4 Device Functional Modes
7.4.1 nRESET and nSLEEP Operation
The nRESET pin, when driven active low, resets the internal logic. It also disables the H-bridge drivers. All inputs
are ignored while nRESET is active.
Driving nSLEEP low will put the device into a low power sleep state. In this state, the H-bridges are disabled, the
gate drive charge pump is stopped, the V3P3OUT regulator is disabled, and all internal clocks are stopped. In
this state all inputs are ignored until nSLEEP returns inactive high. When returning from sleep mode, some time
(approximately 1 ms) must pass before the motor driver becomes fully operational. Note that nRESET and
nSLEEP have internal pulldown resistors of approximately 100 k
Ω. These signals must be driven to logic high for
device operation.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DRV8841



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com