Electronic Components Datasheet Search
  English  ▼

X  

ESD321DPYR.B Datasheet(PDF) 4 Page - Texas Instruments

Part # ESD321DPYR.B
Description  ESD321 1-Channel 30kV ESD Protection Diode with Low Capacitance (< 1pF) in 0402 and SOD-523 Packages
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ESD321DPYR.B Datasheet(HTML) 4 Page - Texas Instruments

  ESD321DPYR.B Datasheet HTML 1Page - Texas Instruments ESD321DPYR.B Datasheet HTML 2Page - Texas Instruments ESD321DPYR.B Datasheet HTML 3Page - Texas Instruments ESD321DPYR.B Datasheet HTML 4Page - Texas Instruments ESD321DPYR.B Datasheet HTML 5Page - Texas Instruments ESD321DPYR.B Datasheet HTML 6Page - Texas Instruments ESD321DPYR.B Datasheet HTML 7Page - Texas Instruments ESD321DPYR.B Datasheet HTML 8Page - Texas Instruments ESD321DPYR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Electrical Fast
Transient
IEC 61000-4-4 Peak Current at 25 °C
80
A
Surge Pulse
IEC 61000-4-5 Surge (tp 8/20µs) Peak Power at 25 °C
40
W
IEC 61000-4-5 Surge (tp 8/20µs) Peak Current at 25 °C
6
A
TA
Operating free-air temperature
–40
125
°C
Tstg
Storage temperature
–65
155
°C
(1)
Stresses beyond those listed under Section 5.1 may cause permanent damage to the device. These are stress ratings only, which do
not imply functional operation of the device at these or any other conditions beyond those indicated under Section 5.4. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
5.2 ESD Ratings – JEDEC Specifications
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
±2500
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 ESD Ratings – IEC Specifications
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 Contact Discharge, all pins
±30000
V
IEC 61000-4-2 Air Discharge, all pins
±30000
5.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
0
3.6
V
TA
Operating Free Air Temperature
–40
125
°C
5.5 Thermal Information
THERMAL METRIC (1)
ESD321
UNIT
DYA (SOD-523)
DPY (X1SON)
2 Pins
2 Pins
RθJA
Junction-to-ambient thermal resistance
774.7
437.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
462.3
249.5
°C/W
RθJB
Junction-to-board thermal resistance
541.1
169.2
°C/W
ΨJT
Junction-to-top characterization parameter
164.4
99.3
°C/W
ΨJB
Junction-to-board characterization parameter
534.6
168.6
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
ESD321
SLVSEN8C – JULY 2018 – REVISED JUNE 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ESD321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com