Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3411 Datasheet(PDF) 21 Page - Texas Instruments

Part # HD3SS3411
Description  HD3SS3411 One Channel Differential 2:1 Mux/Demux
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

HD3SS3411 Datasheet(HTML) 21 Page - Texas Instruments

Back Button HD3SS3411 Datasheet HTML 16Page - Texas Instruments HD3SS3411 Datasheet HTML 17Page - Texas Instruments HD3SS3411 Datasheet HTML 18Page - Texas Instruments HD3SS3411 Datasheet HTML 19Page - Texas Instruments HD3SS3411 Datasheet HTML 20Page - Texas Instruments HD3SS3411 Datasheet HTML 21Page - Texas Instruments HD3SS3411 Datasheet HTML 22Page - Texas Instruments HD3SS3411 Datasheet HTML 23Page - Texas Instruments HD3SS3411 Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
www.ti.com
PACKAGE OUTLINE
C
14X 0.30
0.18
14X 0.5
0.3
0.8 MAX
0.05
0.00
2X
2
8X 0.5
2.05 0.1
2X 1.5
A
3.65
3.35
B
3.65
3.35
(0.2) TYP
WQFN - 0.8 mm max height
RWA0014A
PLASTIC QUAD FLATPACK - NO LEAD
4221612/B 02/2015
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
14
13
(OPTIONAL)
PIN 1 ID
0.1
C A
B
0.05
6
7
8
9
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
2
SCALE 3.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com