Electronic Components Datasheet Search
  English  ▼

X  

EX9250 Datasheet(PDF) 11 Page - Juniper Networks, Inc.

Part # EX9250
Description  EX9250 ETHERNET SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUNIPER [Juniper Networks, Inc.]
Direct Link  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

EX9250 Datasheet(HTML) 11 Page - Juniper Networks, Inc.

Back Button EX9250 Datasheet HTML 4Page - Juniper Networks, Inc. EX9250 Datasheet HTML 5Page - Juniper Networks, Inc. EX9250 Datasheet HTML 6Page - Juniper Networks, Inc. EX9250 Datasheet HTML 7Page - Juniper Networks, Inc. EX9250 Datasheet HTML 8Page - Juniper Networks, Inc. EX9250 Datasheet HTML 9Page - Juniper Networks, Inc. EX9250 Datasheet HTML 10Page - Juniper Networks, Inc. EX9250 Datasheet HTML 11Page - Juniper Networks, Inc. EX9250 Datasheet HTML 12Page - Juniper Networks, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Juniper Networks Services and Support
Juniper Networks is the leader in performance-enabling services
that are designed to accelerate, extend, and optimize your high-
performance network. Our services allow you to maximize
operational efficiency while reducing costs and minimizing risk,
achieving a faster time to value for your network. Juniper Networks
ensures operational excellence by optimizing the network to
maintain required levels of performance, reliability, and availability.
For more details, please visit https://www.juniper.net/us/en/
products.html.
Ordering Information
Model Number
Description
Hardware
EX9251-8X4C
EX9251 system with 8x10GbE SFP+ ports and 4x40GbE
QSFP+/100GbE QSFP28 ports, 2x AC PSUs JNP-PWR650-
AC, 3x fan tray JNP-FAN-1RU, and all necessary blank panels
(optics sold separately)
EX9251-8X4C-DC
EX9251 system with 8x10GbE SFP+ ports and 4x40GbE
QSFP+/100GbE QSFP28 ports, 2x DC PSUs JNP-PWR650-
DC, 3x fan tray JNP-FAN-1RU, and all necessary blank panels
(optics sold separately)
EX9253-BASE-AC
Base EX9253 system configuration: 3-slot EX9253-
CHAS-3RU chassis with 4x fan tray JNP-C1-FAN-3RU, 1x
Routing Engine EX9253-RE, 3x JNP-PWR1600-AC-BB AC
PSUs, and all necessary blank panels
EX9253-BASE-DC
Base EX9253 system configuration: 3-slot EX9253-
CHAS-3RU chassis with 4x fan tray JNP-C1-FAN-3RU, 1x
Routing Engine EX9253-RE, 3x JNP-PWR1100-DC-BB DC
PSUs, and all necessary blank panels
EX9253-RED-AC
Redundant EX9253 configuration: 3-slot EX9253-CHAS-3RU
chassis with 4x fan tray JNP-C1-FAN-3RU, 2x Routing Engine
EX9253-RE, 4x JNP-PWR1600-AC-BB AC PSUs, and all
necessary blank panels
EX9253-RED-DC
Redundant EX9253 configuration: 3-slot EX9253-CHAS-3RU
chassis with 4x fan tray JNP-C1-FAN-3RU, 2x Routing Engine
EX9253-RE, 4x JNP-PWR1100-DC-BB DC PSUs, and all
necessary blank panels
EX9253-BND1
Bundle comprised of EX9253-BASE-AC and EX9253-6Q12C
line card, shipped separately as two items
EX9253 Line Cards
EX9253-6Q12C
EX9253 line card with 6x40GbE ports and 12x40GbE/
100GbE ports
EX9253-6Q12C-M
EX9253 line card with 6x40GbE ports and 12x40GbE/
100GbE MACsec AES256 ports
EX9250 Pluggable Optics
EX-SFP-10GE-SR
Small form-factor pluggable transceiver (SFP transceiver)
10GbE (SFP+ transceiver) short reach (SR) optics
EX-SFP-10GE-LR
SFP transceiver 10GbE (SFP+ transceiver) long reach (LR)
optics
EX-SFP-10GE-LRM
SFP transceiver 10GbE (SFP+ transceiver) long reach
multimode (LRM) optics
EX-SFP-10GE-ER
SFP+ 10GBASE-ER 10GbE optics module, 1550 nm for 40 km
transmission
EX-SFP-10GE-ZR
SFP+ 10GBASE-ZR 10GbE optics, 1550 nm for 80 km
transmission on single-mode fiber-optic (SMF)
JNP-SFP-10G-BX10D
10G BX optics over SMF,1330 nm up to 10 km
JNP-SFP-10G-BX10U
10G BX optics over SMF, 1270 nm up to 10 km
EX-SFP-10GE-USR
SFP+ 10GbE ultra short reach; 850 nm; 10 m on OM1, 20 m
on OM2, 100 m on OM3 multi-mode fiber-optic (MMF)
Model Number
Description
JNP-QSFP-4X10GE-LR
Quad small form-factor pluggable transceiver plus (QSFP+
transceiver) 40GBase optics, up to 10 km transmission on
parallel single mode (4X10GbE LR up to 10 km)
JNP-QSFP-4X10GE-IR
QSFP+ 40GBASE-LR4 40 gigabit optics for up to 1 km
transmission over parallel SMF
JNP-QSFP-40GE-IR4
QSFP+ 40GBASE-LR4 40 gigabit optics for up to 1 km
transmission over SMF
QFX-QSFP-40G-SR4
QSFP+ 40GBASE-SR4 40 gigabit optics, 850 nm for up to
150 m transmission on MMF
JNP-QSFP-40G-LR4
QSFP+ 40GBASE-LR4 40 gigabit optics for up to 10 km
transmission on SMF
QFX-QSFP-40G-ESR4
QSFP+ 40GBASE-eSR4 40 gigabit optics, 850 nm for up to
300 m transmission on MMF
JNP-QSFP-40GE-ER4
QSFP+ 40GBASE-ER4 40 gigabit optics, 1310 nm for up to
40 km transmission on SMF
JNP-QSFP-40G-LX4
QSFP+ 40GBASE-LX4 40 gigabit optics for up to 150 m
transmission with OM4 over duplex MMF
JNP-QSFP-100G-LR4
QSFP28 100GBASE-L4 optics for up to 10 km transmission
over serial SMF
JNP-QSFP-100G-SR4
QSFP28 100GBASE-SR4 optics for up to 100 m transmission
over parallel MMF
JNP-QSFP-100G-CWDM
QSFP28 100GBASE-CWDM4 optics for up to 2 km
transmission over serial SMF
JNP-QSFP-100G-PSM4
QSFP28 100GBASE-PSM4 optics for up to 2 km transmission
over parallel SMF
EX-SFP-10GE-DAC-3M
SFP+ 10GbE direct attach copper (twinax copper cable), 3 M
EX-SFP-10GE-DAC-1M
SFP+ 10GbE direct attach copper (twinax copper cable), 1 M
EX-SFP-10GE-DAC-5M
SFP+ 10GbE direct attach copper (twinax copper cable) 5 m
QFX-QSFP-DAC-1M
QSFP+ Cable Assy, 1 m, 30 AWG, passive, programmable ID
JNP-QSFP-DAC-2M
QSFP+ 40GBASE direct attach copper Cable 2-meter
QFX-QSFP-DAC-3M
QSFP+ Cable Assembly, 3 m, 30 AWG, passive, programmable
ID
JNP-QSFP-DAC-5M
QSFP+ 40GBase direct attach copper Cable 5-meter, passive
EX-QSFP-40GE-DAC-50CM QSFP+ 40GbE direct attach copper (twinax copper cable) for
50 cm transmission
JNP-100G-DAC-1M
QSFP28 to QSFP28 Ethernet direct attach copper (twinax
copper cable) 1 m
JNP-100G-DAC-3M
QSFP28 to QSFP28 Ethernet direct attach copper (twinax
copper cable) 3 m, active
QFX-QSFP-DACBO-1M
QSFP+ to SFP+ 10GbE direct attach breakout copper (twinax
copper cable) 1 m
QFX-QSFP-DACBO-3M
QSFP+ to SFP+ 10GbE direct attach breakout copper (twinax
copper cable) 3 m
JNP-QSFP-DACBO-10M
QSFP+ to SFP+ 10GbE direct attach breakout copper (twinax
copper cable) 10 m, active
QFX-SFP-DAC-1MA
SFP+ 10GbE direct attach copper (active twinax copper cable)
1 m
QFX-SFP-DAC-3MA
SFP+ 10GbE direct attach copper (active twinax copper cable)
3 m
QFX-SFP-DAC-5MA
SFP+ 10GbE direct attach copper (active twinax copper cable)
5 m
QFX-SFP-DAC-7MA
SFP+ 10GbE direct attach copper (active twinax copper cable)
7 m
QFX-SFP-DAC-10MA
SFP+ 10GbE direct attach copper (active twinax copper cable)
10 m
JNP-QSFP-DAC-5MA
QSFP+ 40GBASE direct attach copper cable 5 m, active
JNP-QSFP-DAC-7MA
QSFP+ 40GBASE direct attach copper cable 7 m, active
JNP-QSFP-DAC-10MA
QSFP+ 40GBASE direct attach copper cable 10 m, active
JNP-QSFP-DACBO-5MA
QSFP+ to SFP+ 10GbE direct attach breakout copper (twinax
copper cable) 5 m, active
EX9250 Ethernet Switch Datasheet
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com