Electronic Components Datasheet Search
  English  ▼

X  

VBA112 Datasheet(PDF) 1 Page - Multicomp Pro

Part # VBA112
Description  BNC Dual Right Angle Adaptor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

VBA112 Datasheet(HTML) 1 Page - Multicomp Pro

  VBA112 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BNC Dual Right Angle Adaptor
19/12/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2011.
Dimensions : Millimetres (Inches)
Specifications:
Mechanical Characteristics:
Mating / Unmating
: 500 cycles
Electrical Characteristics:
Nominal Impedance
: 50
Ω
Frequency Range
: 0 - 1 GHz
Operating Voltage
: 500 VRMS
Maximum Contact Resistance
: 3 m
Ω (Gold)
Dielectric Withstanding Voltage
: 1,500 VRMS
Minimum Insulation Resistance
: 5,000 M
Ω
Environmental Characteristics:
Temperature Range
: -50°C to +85°C
Thermal Shock
: MIL-STD-1344, Method 1033,
Condition A
Salt Spray
: MIL-STD-1344, Method 1001,
Condition B
Physical Shock
: MIL-STD-1344, Method 2004,
Condition G
Humidity
: MIL-STD-1344, Method 1002,
Procedure B (Type 2)
Number
Description
Material
Part Number
1
Body
100 µ“ Minimum Nickel Plating over Zinc Alloy
VBA112
2
Coupling Nut
3
Outer Contact
Nickel Plating over Copper Strip
4
Male Contact
Gold Plating over Brass
5
Female Contact
Gold Plating Over High Strength Copper
6
Retention Washer
Nickel Plating over Copper Strip
7
Insulators
Polypropylene
8
Spring Washer
Beryllium Copper
9
Gasket
Silicone Rubber
10
Spacer
Teflon
Specification Table


Similar Part No. - VBA112

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBA1101M VBSEMI-VBA1101M Datasheet
724Kb / 9P
N-Channel 100 V (D-S) MOSFET
VBA1101M VBSEMI-VBA1101M Datasheet
723Kb / 9P
N-Channel 100 V (D-S) MOSFET
VBA1101M VBSEMI-VBA1101M_V01 Datasheet
723Kb / 9P
N-Channel 100 V (D-S) MOSFET
VBA1101N VBSEMI-VBA1101N Datasheet
476Kb / 9P
N-Channel 100 V (D-S) MOSFET
VBA1102M VBSEMI-VBA1102M Datasheet
756Kb / 9P
N-Channel 100 V (D-S) MOSFET
More results

Similar Description - VBA112

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6701 POMONA-6701 Datasheet
25Kb / 1P
BNC Male to Dual BNC Female Right-Angle Adapter
logo
List of Unclassifed Man...
R125771001 ETC2-R125771001 Datasheet
86Kb / 1P
RIGHT ANGLE MALE - FEMALE ADAPTOR
logo
Winchester Electronics ...
KC-59-70 WINCHESTER-KC-59-70 Datasheet
66Kb / 1P
BNC RIGHT ANGLE PLUG
logo
Adam Technologies, Inc.
RF1-01A-D-00-50 ADAM-TECH-RF1-01A-D-00-50 Datasheet
88Kb / 1P
BNC RIGHT ANGLE
RF1-01A-PP-00-50 ADAM-TECH-RF1-01A-PP-00-50 Datasheet
102Kb / 1P
BNC RIGHT ANGLE
RF1-01A-PP-00-50-FAC ADAM-TECH-RF1-01A-PP-00-50-FAC Datasheet
102Kb / 1P
BNC RIGHT ANGLE
RF1-01A-T-00-50 ADAM-TECH-RF1-01A-T-00-50 Datasheet
80Kb / 1P
BNC RIGHT ANGLE
RF1-01-P-00-50 ADAM-TECH-RF1-01-P-00-50 Datasheet
95Kb / 1P
RIGHT ANGLE BNC CONNECTORS
logo
Rosenberger Hochfrequen...
51S201-006N5 ROSENBERGER-51S201-006N5 Datasheet
42Kb / 2P
BNC RIGHT ANGLE PLUG
02S221-K00S3 ROSENBERGER-02S221-K00S3 Datasheet
221Kb / 2P
Adaptor Right Angle Plug-Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com