Electronic Components Datasheet Search
  English  ▼

X  

CS-3 Datasheet(PDF) 1 Page - Mersen

Part # CS-3
Description  Amp-Trap® CS-3 Series and 9F60/9F62 Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERSEN [Mersen]
Direct Link  https://www.mersen.com/en
Logo MERSEN - Mersen

CS-3 Datasheet(HTML) 1 Page - Mersen

  CS-3 Datasheet HTML 1Page - Mersen CS-3 Datasheet HTML 2Page - Mersen CS-3 Datasheet HTML 3Page - Mersen  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MERSEN.COM
MV 2
Transformer Protection
Amp-Trap® CS-3 Series and 9F60/9F62 Series
MEDIUM VOLTAGE FUSES
2.75kV, 5.5kV, 8.25kV, 15.5kV, 25.8kV AND 38kV
FERRULE MOUNTED FUSES
Mersen fuses for the protection of transformers and distribution lines
deliver overload and short circuit protection. These current-limiting
fuses will melt at current that can be as low as 1.7 times the fuse
current ratings up to its maximum interrupting rating. These fuses are
designed to withstand the transformer magnetizing inrush current.
They have 2 (size C), 3 (size D) and 4 (size E) inch diameter barrels
with ferrules and are mounted in spring reinforced clips.
FEATURES/BENEFITS:
• Amp-Trap CS-3 and 9F62 series are UL listed for compatibility with
UL listed equipment.
• Ferrule mounting for standard clips and interchangeability with other
brands of fuses.
• Current-limiting for superior equipment protection.
• Non-venting for silent operation.
• Metal embossed catalog number and manufacturing date for lasting
identification.
• Outdoor usage for the 9F62 and 9F60 type EJO.
• Blown-fuse indicator to give positive identification of open fuse:
• Amp-Trap, 2" Barrel: 1 lb tripped force - 0.19 inch
• Amp-Trap, 3" Barrel: 1 lb tripped force - 0.44 inch
• Amp-Trap, 3" Barrel, Striker: 5 lb tripped force - 1 inch
• 9F60/9F62: 0.125 lb tripped force – 0.20 inch
• Accessories - see Section FB
RATINGS
• See next page for listing
HIGHLIGHTS:
• E-Rated
• UL listed
• Outdoor use
APPLICATIONS:
• Protection for 2.4kV to
34.5kV transformers or
distribution systems.
APPROVALS:
• Some UL listed to standard
File E143362


Similar Part No. - CS-3

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
CS-300 VECTRON-CS-300 Datasheet
795Kb / 8P
Clock Smoother
logo
IET Labs Inc.
CS-300 IET-CS-300 Datasheet
301Kb / 2P
RS Series -- Standard Models
logo
Vectron International, ...
CS-300-CFC-C4D2M2 VECTRON-CS-300-CFC-C4D2M2 Datasheet
795Kb / 8P
Clock Smoother
CS-300-CFC-C4D2M2G VECTRON-CS-300-CFC-C4D2M2G Datasheet
795Kb / 8P
Clock Smoother
CS-300-CFC-C4D2T4 VECTRON-CS-300-CFC-C4D2T4 Datasheet
795Kb / 8P
Clock Smoother
More results

Similar Description - CS-3

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CS53 SUMIDA-CS53 Datasheet
155Kb / 2P
RF COILS < SMD Type: CS Series>
CS54 SUMIDA-CS54 Datasheet
33Kb / 1P
RF COILS < SMD Type: CS Series>
CS55 SUMIDA-CS55 Datasheet
41Kb / 2P
RF COILS < SMD Type: CS Series>
CS-5F SUMIDA-CS-5F Datasheet
30Kb / 1P
RF COILS < SMD Type: CS Series>
CS-5LN SUMIDA-CS-5LN Datasheet
38Kb / 1P
RF COILS < SMD Type: CS Series>
logo
Omron Electronics LLC
CS1W-EIP21 OMRON-CS1W-EIP21 Datasheet
543Kb / 8P
SYSMAC CS-series EtherNet/IP Unit
logo
Greystone Energy System...
CS625 GREYSTONE-CS625 Datasheet
170Kb / 2P
CS-625 Series Current Switch
logo
AAEON Technology
GENE-EHL5 AAEON-GENE-EHL5 Datasheet
553Kb / 2P
SubCompact Board with Intel Atom® x6000E Series, and Intel® Pentium® and Celeron® N and J Series Processors
2022/09/08
PICO-EHL1 AAEON-PICO-EHL1 Datasheet
558Kb / 2P
Pico-ITX Board with Intel Atom® x6000E Series, and Intel® Pentium® and Celeron® N and J Series Processors
2023/04/14
logo
Leadshine Technology Co...
CS-M LEADSHINE-CS-M Datasheet
6Mb / 7P
CS-M Series Stepper Motor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com