Electronic Components Datasheet Search
  English  ▼

X  

K30 Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # K30
Description  EZ-LIGHT® Touch Gen 2 K30 Series Illuminated Buttons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

K30 Datasheet(HTML) 2 Page - Banner Engineering Corp.

  K30 Datasheet HTML 1Page - Banner Engineering Corp. K30 Datasheet HTML 2Page - Banner Engineering Corp. K30 Datasheet HTML 3Page - Banner Engineering Corp. K30 Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Supply Voltage
12 V DC to 30 V DC
Supply Current
55 mA max current (exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient voltages
Touch Dwell Time (momentary models only)
If a touch dwells for longer than 60 seconds, the output and indicator color will
revert back to the untouched state.
Output Response Time
150 milliseconds ON and OFF
Output Rating
Maximum Load: 150 mA
ON-state saturation voltage: < 2 V DC at 10 mA; < 2.5 V DC at 150 mA
OFF-state leakage current: < 10 µA at 30 V DC
Power-Up Delay
300 milliseconds
Latching models start up in a 'not activated' state
Construction
Housing: polycarbonate
Translucent dome: polycarbonate
Mounting nut: PBT
Indicator Characteristics
Color
Dominant Wavelength (nm) or Color
Temperature (CCT)
Lumen Output (Typical at
25 °C)
Green
520 - 535 nm
4.4
Red
620 - 630 nm
1.7
Yellow
585 - 595 nm
4.4
Blue
465 - 475 nm
1.0
White
5665 - 9000K
5.0
Mounting
M22 × 1.5 Threaded base, max torque 2.25 Nm (20 in·lbf)
Connections
5-pin integral M12 QD, 2 m (6.5 ft) PVC integral cable, or 150 mm (6 in) 5-pin M12
PVC cable with QD
Environmental Rating
Rated IEC IP67, and IP69K per DIN 40050-9.
Cabled models also meet IP69K if the cable and cable entrance are protected from
high-pressure spray. Indicator side of terminal models meet IEC IP67, and IP69K
when installed in an enclosure.
Screw connection points meet IEC IP00.
Meets UL type 4X and 13, when used in a suitable enclosure.
Operating Conditions
–40 °C to +50 °C (–40 °F to +122 °F)
90% at +50 °C maximum relative humidity (non-condensing)
Storage
–40 °C to +70 °C (–40 °F to +158 °F)
Vibration and Mechanical Shock
Vibration: 10 Hz to 55 Hz, 1.0 mm peak-to-peak amplitude per IEC 60068-2-6
Shock: 30G 11 ms duration, half sine wave per IEC 60068-2-27
Certifications
Required Overcurrent Protection
WARNING: Electrical connections must be made by
qualified personnel in accordance with local and
national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application per the
supplied table.
Overcurrent protection may be provided with external fusing or via Current Limiting,
Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Dimensions
All measurements are listed in millimeters [inches], unless noted otherwise.
Quick-Disconnect Models
Terminal Models
52.4
[2.06]
42
[1.65]
M22 X 1.5 -6g
Max. screw torque
0.11 Nm [1.0 lbf-in]
EZ-LIGHT® Touch Gen 2 K30 Series Illuminated Buttons
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 189826 Rev. F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com