Electronic Components Datasheet Search
  English  ▼

X  

BYW81PI Datasheet(PDF) 5 Page - STMicroelectronics

Part # BYW81PI
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW81PI Datasheet(HTML) 5 Page - STMicroelectronics

  BYW81PI Datasheet HTML 1Page - STMicroelectronics BYW81PI Datasheet HTML 2Page - STMicroelectronics BYW81PI Datasheet HTML 3Page - STMicroelectronics BYW81PI Datasheet HTML 4Page - STMicroelectronics BYW81PI Datasheet HTML 5Page - STMicroelectronics BYW81PI Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Marking : Type number
Cooling method : C
Weight : 2.2 g
Recommended torque value : 0.8m.N
Maximum torque value : 1.0m.N
PACKAGE MECHANICAL DATA
TO-220AC (JEDEC outline)
Marking : Type number
Cooling method : C
Weight : 1.9 g
Recommended torque value : 0.8m.N
Maximum torque value : 1.0m.N
PACKAGE MECHANICAL DATA
TO-220AC (isolated)
A
C
D
E
M
L7
H2
ØI
L5
L6
L9
L4
G
F1
F
L2
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
H2
10.00
10.40
0.393
0.409
L2
16.40 typ.
0.645 typ.
L4
13.00
14.00
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam. I
3.75
3.85
0.147
0.151
b1
l2
a1
e
F
L
B
I
A
C
b2
c1
c2
a2
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
14.23
15.87
0.560
0.625
a1
4.50
0.177
a2
12.70
14.70
0.500
0.579
B
10.20
10.45
0.402
0.411
b1
0.64
0.96
0.025
0.038
b2
1.15
1.39
0.045
0.055
C
4.48
4.82
0.176
0.190
c1
0.35
0.65
0.020
0.026
c2
2.10
2.70
0.083
0.106
e
4.58
5.58
0.180
0.220
F
5.85
6.85
0.230
0.270
I
3.55
4.00
0.140
0.157
L
2.54
3.00
0.100
0.118
l2
1.45
1.75
0.057
0.069
BYW81P-200 / BYW81PI-200
5/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com