Electronic Components Datasheet Search
  English  ▼

X  

TPS2550DBVT Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2550DBVT
Description  ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2550DBVT Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS2550DBVT Datasheet HTML 14Page - Texas Instruments TPS2550DBVT Datasheet HTML 15Page - Texas Instruments TPS2550DBVT Datasheet HTML 16Page - Texas Instruments TPS2550DBVT Datasheet HTML 17Page - Texas Instruments TPS2550DBVT Datasheet HTML 18Page - Texas Instruments TPS2550DBVT Datasheet HTML 19Page - Texas Instruments TPS2550DBVT Datasheet HTML 20Page - Texas Instruments TPS2550DBVT Datasheet HTML 21Page - Texas Instruments TPS2550DBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
www.ti.com
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
15
20
25
30
35
40
45
50
55
60
65
70
75
80
R
-k
ILIM
W
IOC(max)
IOC(typ)
IOC(min)
IOS(min)
APPLICATION 1: DESIGNING ABOVE A MINIMUM CURRENT-LIMIT
APPLICATION 2: DESIGNING BELOW A MAXIMUM CURRENT-LIMIT
TPS2550
TPS2551
SLVS736 – FEBRUARY 2008
Figure 21. Current-Limit Threshold Vs.RILIM
Some applications require that current-limiting cannot occur below a certain threshold. For this example, assume
that 1 A must be delivered to the load so that the minimum desired current-limit threshold is 1000 mA. Use the
IOS equations and Figure 21 to select RILIM.
• I
OS(min) (mA) = 1000 mA
• I
OS(min) (mA) = (39700 V) / (RILIM (kΩ))
1.342
• R
ILIM (kΩ) = [(39700 V) / (IOS(min) (mA))]
1/1.342
• R
ILIM = 15.54 kΩ
Select the closest 1% resistor less than the calculated value: RILIM = 15.4 kΩ. This sets the minimum current-limit
threshold at 1 A . Use the IOC equations, Figure 21, and the previously calculated value for RILIM to calculate the
maximum resulting current-limit threshold.
• R
ILIM = 15.4 kΩ
• I
OC(max) (mA) = (24500 V) / (RILIM (kΩ))
0.975
• I
OC(max) (mA) = (24500 V) / (15 (kΩ))
0.975
• I
OC(max) = 1703 mA
The resulting maximum current-limit theshold is 1.7 A with a 15.4 k
Ω resistor.
Some applications require that current-limiting must occur below a certain threshold. For this example, assume
that the desired upper current-limit threshold must be below 1.25 A to protect an up-stream power supply. Use
the IOC equations and Figure 21 to select RILIM.
• I
OC(max) (mA) = 1250 mA
• I
OC(max) (mA) = (24500 V) / (RILIM (kΩ))
0.975
• R
ILIM (kΩ) = [(24500 V) / (IOC(max) (mA))]
1/0.975
• R
ILIM = 21.15 kΩ
18
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS2550 TPS2551



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com