Electronic Components Datasheet Search
  English  ▼

X  

L9301-TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9301-TR
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301-TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9301-TR Datasheet HTML 2Page - STMicroelectronics L9301-TR Datasheet HTML 3Page - STMicroelectronics L9301-TR Datasheet HTML 4Page - STMicroelectronics L9301-TR Datasheet HTML 5Page - STMicroelectronics L9301-TR Datasheet HTML 6Page - STMicroelectronics L9301-TR Datasheet HTML 7Page - STMicroelectronics L9301-TR Datasheet HTML 8Page - STMicroelectronics L9301-TR Datasheet HTML 9Page - STMicroelectronics L9301-TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
Block diagram
L9301
6/54
DS11400 Rev 9
1
Block diagram
Figure 1. Block diagram
VB and VDD 5
monitoring
Safety
SPI
0,6 , 3A, 40V
4 x LS drivers
0,3 , 3A, 40V
4 x LS drivers
Diag
&
Ctrl
SPI
Diag
&
Ctrl
SPI
Oscillator
EN
CLP
CLN
DIP
GND1
GND2
VDD
CS
SCK
MOSI
MISO
OUT5
OUT1
OUT2
OUT3
OUT4
L9301
VB
chip _enb
OUT6
Vbg
Vbg 1
Bandgap 1
Voltage control
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
Charge pump
CP
0.6 , 3A, 40V
4 x config . HS/LS drivers
Diag
&
Ctrl
DRN1
DRN2
SRC1
DRN3
DRN4
SRC2
SRC3
SRC4
OUT7
OUT8
Logic
VDD_I/O
RES
EN
SPI
SPI
S_CHK
S_CHK
S_CHK
S_CHK
SPI
3.3V low dop
Internal regulator
Bandgap 2
Voltage control
Vbg 2
Oscillator
GAPG2808151033PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com