Electronic Components Datasheet Search
  English  ▼

X  

L9305 Datasheet(PDF) 78 Page - STMicroelectronics

Part # L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button L9305_V01 Datasheet HTML 74Page - STMicroelectronics L9305_V01 Datasheet HTML 75Page - STMicroelectronics L9305_V01 Datasheet HTML 76Page - STMicroelectronics L9305_V01 Datasheet HTML 77Page - STMicroelectronics L9305_V01 Datasheet HTML 78Page - STMicroelectronics L9305_V01 Datasheet HTML 79Page - STMicroelectronics L9305_V01 Datasheet HTML 80Page - STMicroelectronics L9305_V01 Datasheet HTML 81Page - STMicroelectronics L9305_V01 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 107 page
background image
CONFIGURATION2
Configuration 2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
RW
RW
Address:
Channel_X_BaseAddress + 0x03
Type:
RW
Reset:
0x0000
Description:
Configuration Register for channel configuration self-tests. Before restarting any tests, wait for the register to return to
"0"
[15:2] Unused
[1] Solenoid Diag Self Test: Short, Open Load and PWM Check
0: Self Test Disabled
1: Self Test Enabled
[0] GND_SOL loss self test
0: Self TestDisabled
1: Self Test Enabled
L9305
SPI
DS12774 - Rev 10
page 78/107