Electronic Components Datasheet Search
  English  ▼

X  

L9347 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L9347
Description  Intelligent quad (2x5A/2x2.5A) low-side switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L9347 Datasheet HTML 7Page - STMicroelectronics L9347 Datasheet HTML 8Page - STMicroelectronics L9347 Datasheet HTML 9Page - STMicroelectronics L9347 Datasheet HTML 10Page - STMicroelectronics L9347 Datasheet HTML 11Page - STMicroelectronics L9347 Datasheet HTML 12Page - STMicroelectronics L9347 Datasheet HTML 13Page - STMicroelectronics L9347 Datasheet HTML 14Page - STMicroelectronics L9347 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
L9347
Electrical specifications
11/29
Currents
IQ1/2
Output current for Q1 and Q2
>5
internal
limited
A
IQ3/4
Output current for Q3 and Q4
>3
internal
limited
A
IQ1/2,
IPGND1/2
Output current at reversal supply for Q1
and Q2
-4
A
IQ3/4,
IPGND3/4
Output current at reversal supply for Q3
and Q4
-2
A
IST
Output current status pin
-5
5
mA
ESD Protection
ESD
Electrostatical Discharging
MIL883C
2kV
ESD
Output Pins (Qx, Dx)
vs. Common GND
(PGND1-4 + GND)
4kV
Table 4.
Absolute maximum ratings (continued)
The absolute maximum ratings are the limiting values for this device. Damage may occur if
this device is subjected to conditions which are beyond these values
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 5.
Thermal data
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Tj
Junction temperature
Tj
-40
150
°C
Tjc
Junction temperature during clamping
(life time)
t = 30min
t = 15min
175
190
°C
Tstg
Storage temperature
Tstg
-55
150
°C
Tth
Overtemperature shutdown threshold
(1)
175
200
°C
Thy
Overtemperature shutdown hysteresis
(1)
10
°C
RthJC
Thermal resistance junction to case
RthJC
2K/W
1.
This parameter will not be tested but assured by design.
Table 6.
Operating range
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VS
Supply voltage
4.8
18
V
VCC, VDD
Supply voltage
4.5
5.5
V
dVS/dt
Supply voltage transient time
-1
1
V/s
VQ
Output voltage static
-0.3
40
V
VQ
Output voltage induced by inductive
switching
Voltage will be
limited by internal
Z-diode clamping
60
V
VST
Output voltage status
-0.3
6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com