Electronic Components Datasheet Search
  English  ▼

X  

L9347LF Datasheet(PDF) 6 Page - STMicroelectronics

Part # L9347LF
Description  Intelligent quad (2x5A/2x2.5A) low-side switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347LF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L9347LF Datasheet HTML 2Page - STMicroelectronics L9347LF Datasheet HTML 3Page - STMicroelectronics L9347LF Datasheet HTML 4Page - STMicroelectronics L9347LF Datasheet HTML 5Page - STMicroelectronics L9347LF Datasheet HTML 6Page - STMicroelectronics L9347LF Datasheet HTML 7Page - STMicroelectronics L9347LF Datasheet HTML 8Page - STMicroelectronics L9347LF Datasheet HTML 9Page - STMicroelectronics L9347LF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Block diagram and pin connections
L9347
6/29
Figure 2.
Pin connections
Table 2.
Pin description
Pin
Function
1
GND
Logic Ground
2, 3
PGND 3
Power Ground Channel 3
4, 5
Q 3
Power Output Channel 3
6, 7
D 3
Free-Wheeling Diode Channel 3
8, 9
Q 1
Power Output Channel 1
10, 11
Q 2
Power Output Channel 2
12, 13
D 4
Free-Wheeling Diode Channel 4
14, 15
Q 4
Power Output Channel 4
16, 17
PGND 4
Power Ground Channel 4
18
NC
Not Connected
19
VCC
5V Supply
20
VDD
5V Supply
21
ST 4
Status Output Channel 4
22
IN 2
Control Input Channel 2
23
IN 4
Control Input Channel 4
24
ST 2
Status Output Channel 2
25
EN
Enable Input for all four Channels
26
TEST
Enable Input for Drift detection
27, 28
PGND 2
Power Ground Channel 2
29
VS
Supply Voltage
36
N.C.
35
IN3
ST4
34
PGND3
33
32
PGND3
Q3
31
Q3
30
29
D3
D3
28
Q2
27
26
Q2
PGND2
25
PGND2
24
23
VS
VDD
22
VCC
21
20
IN2
ST1
19
GND
1
IN4
2
3
ST3
PGND4
4
PGND4
5
6
Q4
Q4
7
D4
8
9
D4
Q1
10
Q1
11
12
PGND1
PGND1
13
EN
14
15
CLK
IN1
16
ST2
17
18
TEST
99AT0060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com