Electronic Components Datasheet Search
  English  ▼

X  

L9473J Datasheet(PDF) 3 Page - STMicroelectronics

Part # L9473J
Description  Car alternator voltage regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9473J Datasheet(HTML) 3 Page - STMicroelectronics

  L9473J Datasheet HTML 1Page - STMicroelectronics L9473J Datasheet HTML 2Page - STMicroelectronics L9473J Datasheet HTML 3Page - STMicroelectronics L9473J Datasheet HTML 4Page - STMicroelectronics L9473J Datasheet HTML 5Page - STMicroelectronics L9473J Datasheet HTML 6Page - STMicroelectronics L9473J Datasheet HTML 7Page - STMicroelectronics L9473J Datasheet HTML 8Page - STMicroelectronics L9473J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
L9473
Block diagram and pin description
3/10
1
Block diagram and pin description
1.1
Block diagram
Figure 1.
Block diagram
1.2
Pin description
Figure 2.
Pin connection (top view)
7
6
3
2
8
1
4
NTC
Table 2.
Pin description
N°
Pin
Description
1VGO
Generator Output – Voltage Sense and Power Supply to ASVR
2
F+
Field Driver - High Side Drive Output
3
G
Ground for ASVR (Must be connected for Ground for ASVR)
4
TS
Thermistor Sense Terminal
5GND
Internally connected to the Tab or Slug in MW-8. Shall not be used for ASVR
Ground, nor voltage applied to Pin 5 to cause
 50mV Pin 5 to Pin 3. May be
unconnected or externally connected to Pin 3.
6
DF
Inverted Field Monitor Output
7
L
Lamp - Low Side Driver; Relay - High Side Driver
8
P
Phase Sense Input
1
2
3
4
5
6
7
D02AT502
8
P
L
DF
GND
TS
G
F+
VGO
Tab connected to pin 5
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com