Electronic Components Datasheet Search
  English  ▼

X  

L9524C Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9524C
Description  Glow plug system control IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9524C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9524C Datasheet HTML 3Page - STMicroelectronics L9524C Datasheet HTML 4Page - STMicroelectronics L9524C Datasheet HTML 5Page - STMicroelectronics L9524C Datasheet HTML 6Page - STMicroelectronics L9524C Datasheet HTML 7Page - STMicroelectronics L9524C Datasheet HTML 8Page - STMicroelectronics L9524C Datasheet HTML 9Page - STMicroelectronics L9524C Datasheet HTML 10Page - STMicroelectronics L9524C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
L9524C
Electrical specifications
7/27
3
Electrical specifications
3.1
Absolute maximum ratings
Warning:
The device may become damaged if using externally applied
voltages or currents exceeding these limits!
All the pin of the IC are protected against ESD. the verification is performed according to:
AEC Q100-002 (HBM) and AEC Q100-011 (CDM).
3.2
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VVS
Supply voltage range
-0.3 to 45
V
|dVVS/dt|
Supply voltage slope
10
V/
s
VCP
Charge pump voltage range
-0.3 to 45
V
VBAT, VCI,
VSP1-4,
VSN1-6
Input pin voltage range (BAT, CI, SP1-4, SN1-6)
-16 to 45
V
VOCT, VCUR,
VMS, VIO
Input pin voltage range (OCT, CUR, MS, IO)
-0.3 to 7
V
VDO, VG1-4 Output pin voltage range (DO, G1-4)
-16 to 45
V
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
TJ
Operating junction temperature
-40 to 125
C
TJSD
Junction temperature thermal shutdown threshold
125 to 150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com