Electronic Components Datasheet Search
  English  ▼

X  

TDA8295 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8295
Description  Digital global standard low IF demodulator for analog TV and FM radio
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8295 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8295 Datasheet HTML 4Page - NXP Semiconductors TDA8295 Datasheet HTML 5Page - NXP Semiconductors TDA8295 Datasheet HTML 6Page - NXP Semiconductors TDA8295 Datasheet HTML 7Page - NXP Semiconductors TDA8295 Datasheet HTML 8Page - NXP Semiconductors TDA8295 Datasheet HTML 9Page - NXP Semiconductors TDA8295 Datasheet HTML 10Page - NXP Semiconductors TDA8295 Datasheet HTML 11Page - NXP Semiconductors TDA8295 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
TDA8295_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 4 February 2008
8 of 77
NXP Semiconductors
TDA8295
Digital global standard low IF demodulator for analog TV and FM radio
7.2 Pin description
31
GPIO2/SDA_O
32
GPIO1/SCL_O
33
GPIO0/VSYNC
34
VDDDR(3V3)
35
VSSDR
36
i.c.
37
IF_AGC
38
i.c.
39
VDDD(ADC)(3V3)
40
VSSA(ADC)
Table 3.
Pin allocation table …continued
Pin
Symbol
Pin
Symbol
Table 4.
Pin description
Symbol
Pin
Type[1][2]
Description
Reset
RST_N
21
I
The RST_N input is asynchronous and active LOW, and clears the TDA8295.
When RST_N goes LOW, the circuit immediately enters its Reset mode and
normal operation will resume four XIN signal falling edges later after RST_N
returns HIGH. Internal register contents are all initialized to their default values.
The minimum width of RST_N at LOW level is four XIN clock periods.
Reference
XIN
8
I
Crystal oscillator input pin. In Slave mode (typically), the XIN input simply
receives a 16 MHz clock signal from an external device (typically from the
TDA8275A or TDA1827x). In Oscillator mode, a fundamental 16 MHz (typically)
crystal is connected between pin XIN and pin XOUT.
XOUT
9
O
Crystal oscillator output pin. In Slave mode, the XOUT output is not connected.
In Oscillator mode a fundamental 16 MHz (typically) crystal is connected
between pin XIN and pin XOUT.
I2C-bus
SDA
29
I/O, OD
I2C-bus bidirectional serial data. SDA is an open-drain output and therefore
requires an external pull-up resistor (typically 4.7 k
Ω).
SCL
28
I
I2C-bus clock input. SCL is nominally a square wave with a maximum frequency
of 400 kHz. It is generated by the system I2C-bus master.
SADDR0
19
I
These two bits allow to select four possible I2C-bus addresses, and therefore
permits to use several TDA8295 in the same application and/or to avoid conflict
with other ICs. The complete I2C-bus address is: 1, 0, 0, SADDR1, 0, 1,
SADDR0 (see also Section 9.1).
SADDR1
20
I
I2C-bus feed-through switch or GPIO
GPIO2/SDA_O
31
I/O, OD
SDA_O is equivalent to SDA but can be 3-stated by I2C-bus programming. It is
the output of a switch controlled by I2CSW_EN parameter. SDA_O is an
open-drain output and therefore requires an external pull-up resistor
(see Section 9.3.20).
GPIO1/SCL_O
32
I/O, OD
SCL_O is equivalent to SCL input but can be 3-stated by I2C-bus programming.
SCL_O is an open-drain output and therefore requires an external pull-up
resistor (see Section 9.3.20). For proper functioning of the I2C-bus feed-through,
a capacitor C = 33 pF to GND must be added (see Section 13.6).
V-sync or GPIO
GPIO0/VSYNC
33
I/O, OD
vertical synchronization pulse needed for the NXP Silicon Tuner
(see Section 9.3.20)
Tuner IF AGC
IF_AGC
37
I/O, OD, T tuner IF AGC output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com