Electronic Components Datasheet Search
  English  ▼

X  

CC1190RGVT Datasheet(PDF) 20 Page - Texas Instruments

Part # CC1190RGVT
Description  850 – 950 MHz RF Front End
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1190RGVT Datasheet(HTML) 20 Page - Texas Instruments

Back Button CC1190RGVT Datasheet HTML 15Page - Texas Instruments CC1190RGVT Datasheet HTML 16Page - Texas Instruments CC1190RGVT Datasheet HTML 17Page - Texas Instruments CC1190RGVT Datasheet HTML 18Page - Texas Instruments CC1190RGVT Datasheet HTML 19Page - Texas Instruments CC1190RGVT Datasheet HTML 20Page - Texas Instruments CC1190RGVT Datasheet HTML 21Page - Texas Instruments CC1190RGVT Datasheet HTML 22Page - Texas Instruments CC1190RGVT Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
www.ti.com
PACKAGE OUTLINE
C
4.15
3.85
4.15
3.85
1.0
0.8
0.05
0.00
2X 1.95
12X 0.65
2X 1.95
16X
0.65
0.45
16X
0.38
0.23
2.16 0.1
2.16 0.1
(0.2) TYP
(0.37) TYP
VQFN - 1 mm max height
RGV0016A
PLASTIC QUAD FLATPACK - NO LEAD
4219037/A 06/2019
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
EXPOSED
THERMAL PAD
SYMM
1
4
5
8
9
12
13
16
17
SCALE 3.000
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com