Electronic Components Datasheet Search
  English  ▼

X  

CC2592RGVR.B Datasheet(PDF) 4 Page - Texas Instruments

Part # CC2592RGVR.B
Description  CC2592 2.4-GHz Range Extender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2592RGVR.B Datasheet(HTML) 4 Page - Texas Instruments

  CC2592RGVR.B Datasheet HTML 1Page - Texas Instruments CC2592RGVR.B Datasheet HTML 2Page - Texas Instruments CC2592RGVR.B Datasheet HTML 3Page - Texas Instruments CC2592RGVR.B Datasheet HTML 4Page - Texas Instruments CC2592RGVR.B Datasheet HTML 5Page - Texas Instruments CC2592RGVR.B Datasheet HTML 6Page - Texas Instruments CC2592RGVR.B Datasheet HTML 7Page - Texas Instruments CC2592RGVR.B Datasheet HTML 8Page - Texas Instruments CC2592RGVR.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
CC2592
SWRS159 – FEBRUARY 2014
www.ti.com
2
Device Characteristics
2.1
Absolute Maximum Ratings
Under no circumstances must the absolute maximum ratings be violated. Stress exceeding one or more of the limiting values
may cause permanent damage to the device.
Parameter
Conditions
Value
Unit
Supply voltage
All supply terminals must have the same voltage
–0.3 to 3.8
V
Voltage on any digital terminal
–0.3 to VDD+0.3, max 3.8
V
Input RF level
+10
dBm
2.2
Handling Ratings
Under no circumstances must the handling ratings be violated. Stress exceeding one or more of the limiting values may
cause permanent damage to the device.
Parameter
Conditions
Value
Unit
Storage temperature range
–50 to 150
°C
Human Body Model
2000
V
ESD
Charge Device Model
1000
V
2.3
Recommended Operating Conditions
The operating conditions for the CC2592 device are listed below.
Parameter
Conditions
Min
Max
Unit
Ambient temperature range
–40
125
°C
Operating supply voltage
2.0
3.7
V
Operating frequency range
2400
2483.5
MHz
4
Device Characteristics
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com