Electronic Components Datasheet Search
  English  ▼

X  

CC2592RGVT Datasheet(PDF) 12 Page - Texas Instruments

Part # CC2592RGVT
Description  CC2592 2.4-GHz Range Extender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC2592RGVT Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2592RGVT Datasheet HTML 8Page - Texas Instruments CC2592RGVT Datasheet HTML 9Page - Texas Instruments CC2592RGVT Datasheet HTML 10Page - Texas Instruments CC2592RGVT Datasheet HTML 11Page - Texas Instruments CC2592RGVT Datasheet HTML 12Page - Texas Instruments CC2592RGVT Datasheet HTML 13Page - Texas Instruments CC2592RGVT Datasheet HTML 14Page - Texas Instruments CC2592RGVT Datasheet HTML 15Page - Texas Instruments CC2592RGVT Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
CC2592
SWRS159 – FEBRUARY 2014
www.ti.com
7
Controlling the Output Power from CC2592
The output power of the CC2592 device is controlled by controlling the input power. The CC2592 PA is
designed to work in compression (class AB).
Driving the CC2592 device too far into saturation might result in spurious emissions and harmonics above
regulatory limits. This caution should especially be considered for systems targeting a wide operating
temperature range, where a combination of low temperature, low supply voltage, and a transceiver that
increases output power (drive level) at low temperature, can result in high spurious emissions.
Figure 7-1 shows the maximum recommended drive level versus temperature and supply voltage.
Figure 7-1. Maximum Recommended Drive Level
8
Input Levels on Control Terminals
The three digital control terminals (PA_EN, LNA_EN, and HGM) have built-in level-shifting functionality,
meaning that if the CC2592 device operates off a 3.7-V supply voltage, the control terminals still sense
1.6- to 1.8-V signals as a logical 1. However, the input voltages should not have a logical 1 level that is
higher than the supply.
12
Input Levels on Control Terminals
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2592



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com