Electronic Components Datasheet Search
  English  ▼

X  

CD74ACT157E Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74ACT157E
Description  CD74ACT157 Quadruple 2-Line to 1-Line Data Selector/Multiplexer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74ACT157E Datasheet(HTML) 1 Page - Texas Instruments

  CD74ACT157E Datasheet HTML 1Page - Texas Instruments CD74ACT157E Datasheet HTML 2Page - Texas Instruments CD74ACT157E Datasheet HTML 3Page - Texas Instruments CD74ACT157E Datasheet HTML 4Page - Texas Instruments CD74ACT157E Datasheet HTML 5Page - Texas Instruments CD74ACT157E Datasheet HTML 6Page - Texas Instruments CD74ACT157E Datasheet HTML 7Page - Texas Instruments CD74ACT157E Datasheet HTML 8Page - Texas Instruments CD74ACT157E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
CD74ACT157 Quadruple 2-Line to 1-Line Data Selector/Multiplexer
1 Features
• Inputs are TTL-voltage compatible
• Speed of bipolar F, AS, and S, with significantly
reduced power consumption
• Balanced propagation delays
• ±24mA output drive current
– Fanout to 15F devices
• SCR-latchup-resistant CMOS process and circuit
design
• Exceeds 2kV ESD protection per MIL-STD-883,
method 3015
2 Applications
• Data selection
• Multiplexing
3 Description
This quadruple 2-line to 1-line data selector/
multiplexer is designed for 4.5V to 5.5V VCC
operation.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
CD74ACT157
D (SOIC, 16)
9.90mm × 6mm
9.90mm × 3.90mm
N (PDIP, 16)
19.31mm × 9.4mm
19.31mm × 6.35mm
PW (TSSOP, 16)
5.00mm × 6.4mm
5.00mm × 4.40mm
BQB (WQFN, 16)
3.5mm × 2.5mm
3.5mm × 2.5mm
(1)
For more information, see Section 11.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
A/B
xA
xB
xY
G
Logic Diagram (Positive Logic)
CD74ACT157
SCHS340D – MARCH 2003 – REVISED JULY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CD74ACT157E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74ACT157E TI1-CD74ACT157E Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74ACT157E TI-CD74ACT157E Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR
CD74ACT157E TI2-CD74ACT157E Datasheet
1Mb / 21P
CD74ACT157 Quadruple 2-Line to 1-Line Data Selector/Multiplexer
REVISED AUGUST 2024
CD74ACT157E.A TI2-CD74ACT157E.A Datasheet
1Mb / 21P
CD74ACT157 Quadruple 2-Line to 1-Line Data Selector/Multiplexer
REVISED AUGUST 2024
CD74ACT157EE4 TI1-CD74ACT157EE4 Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results

Similar Description - CD74ACT157E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC157A TI-SN74LVC157A Datasheet
124Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74AC11157 TI-74AC11157 Datasheet
69Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-Q1 TI-SN74LVC157A-Q1 Datasheet
181Kb / 7P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74LVC157A-EP TI1-SN74LVC157A-EP Datasheet
423Kb / 8P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74AC158M TI1-CD74AC158M Datasheet
196Kb / 9P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
CD74ACT157M TI1-CD74ACT157M Datasheet
1Mb / 23P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Unisonic Technologies
U74AHCT157 UTC-U74AHCT157 Datasheet
233Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
U74AHCT157 UTC-U74AHCT157_15 Datasheet
233Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR / MULTIPLEXER
logo
Texas Instruments
74AC11157 TI1-74AC11157_10 Datasheet
87Kb / 6P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
74ACT11157 TI1-74ACT11157 Datasheet
81Kb / 5P
QUADRUPLE 2-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com