Electronic Components Datasheet Search
  English  ▼

X  

CDCLVD2106RHAT Datasheet(PDF) 1 Page - Texas Instruments

Part # CDCLVD2106RHAT
Description  Dual 1:6 Low Additive Jitter LVDS Buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDCLVD2106RHAT Datasheet(HTML) 1 Page - Texas Instruments

  CDCLVD2106RHAT Datasheet HTML 1Page - Texas Instruments CDCLVD2106RHAT Datasheet HTML 2Page - Texas Instruments CDCLVD2106RHAT Datasheet HTML 3Page - Texas Instruments CDCLVD2106RHAT Datasheet HTML 4Page - Texas Instruments CDCLVD2106RHAT Datasheet HTML 5Page - Texas Instruments CDCLVD2106RHAT Datasheet HTML 6Page - Texas Instruments CDCLVD2106RHAT Datasheet HTML 7Page - Texas Instruments CDCLVD2106RHAT Datasheet HTML 8Page - Texas Instruments CDCLVD2106RHAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
PHY2
DAC6
PHY2
ADC6
EN
200 MHz
Clock
Generator
100 MHz
CDCLVD 2106
CDCLVD2106
www.ti.com
SCAS902B – SEPTEMBER 2010 – REVISED JANUARY 2011
Dual 1:6 Low Additive Jitter LVDS Buffer
Check for Samples: CDCLVD2106
The CDCLVD2106 is specifically designed for driving
1
FEATURES
50-
Ω transmission lines. In case of driving the inputs
•
Dual 1:6 Differential Buffer
in single ended mode, the appropriate bias voltage
•
Low Additive Jitter: <300 fs rms
(VAC_REF) should be applied to the unused negative
in 10 kHz – 20 MHz
input pin.
•
Low Within Bank Output Skew of 45 ps (Max)
Using the control pin (EN), outputs can be either
•
Universal Inputs Accept LVDS, LVPECL,
disabled or enabled. If the EN pin is left open two
LVCMOS
buffers with all outputs are enabled, if switched to a
logical "0" both buffers with all outputs are disabled
•
One Input Dedicated for Six Outputs
(static logical "0"), if switched to a logical "1", one
•
Total of 12 LVDS Outputs, ANSI EIA/TIA-644A
buffer with six outputs is disabled and another buffer
Standard Compatible
with six outputs is enabled. The part supports a fail
•
Clock Frequency up to 800 MHz
safe function. It incorporates an input hysteresis,
which prevents random oscillation of the outputs in
•
2.375–2.625 V Device Power Supply
absence of an input signal.
•
LVDS Reference Voltage, VAC_REF, Available for
The device operates in 2.5V supply environment and
Capacitive Coupled Inputs
is characterized from –40°C to 85°C (ambient
•
Industrial Temperature Range –40°C to 85°C
temperature). The CDCLVD2106 is packaged in
•
Packaged in 6 mm x 6 mm 40-pin QFN (RHA)
small 40-pin, 6-mm × 6-mm QFN package.
•
ESD Protection Exceeds 3-kV HBM, 1-kV CDM
spacer
APPLICATIONS
•
Telecommunications/Networking
•
Medical Imaging
•
Test and Measurement Equipment
•
Wireless Communications
•
General Purpose Clocking
DESCRIPTION
The CDCLVD2106 clock buffer distributes two clock
inputs (IN0, IN1) to a total of 12 pairs of differential
LVDS clock outputs (OUT0, OUT11). Each buffer
block consists of one input and 6 LVDS outputs. The
inputs can either be LVDS, LVPECL, or LVCMOS.
Figure 1. Application Example
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CDCLVD2106RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD2106RHAT TI1-CDCLVD2106RHAT Datasheet
706Kb / 21P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2106RHAT TI2-CDCLVD2106RHAT Datasheet
809Kb / 20P
Dual 1:6 Low Additive Jitter LVDS Buffer
REVISED JANUARY 2011
CDCLVD2106RHAT.A TI2-CDCLVD2106RHAT.A Datasheet
809Kb / 20P
Dual 1:6 Low Additive Jitter LVDS Buffer
REVISED JANUARY 2011
CDCLVD2106RHATG4.A TI2-CDCLVD2106RHATG4.A Datasheet
809Kb / 20P
Dual 1:6 Low Additive Jitter LVDS Buffer
REVISED JANUARY 2011
More results

Similar Description - CDCLVD2106RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCLVD1213 TI1-CDCLVD1213 Datasheet
717Kb / 17P
1:4 Low Additive Jitter LVDS Buffer With Divider
CDCLVD2102 TI1-CDCLVD2102 Datasheet
753Kb / 20P
Dual 1:2 Low Additive Jitter LVDS Buffer
CDCLVD2104 TI1-CDCLVD2104 Datasheet
782Kb / 21P
Dual 1:4 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106 Datasheet
706Kb / 21P
Dual 1:6 Low Additive Jitter LVDS Buffer
CDCLVD2108 TI1-CDCLVD2108 Datasheet
778Kb / 20P
Dual 1:8 Low Additive Jitter LVDS Buffer
CDCLVD2106 TI1-CDCLVD2106_14 Datasheet
919Kb / 22P
Dual 1:6 Low Additive Jitter LVDS Buffer
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
LMK1D1212 TI-LMK1D1212 Datasheet
3Mb / 36P
LMK1D121x Low Additive Jitter LVDS Buffer
SNAS823 ??OCTOBER 2021
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D2106 TI-LMK1D2106 Datasheet
3Mb / 37P
LMK1D210x Low Additive Jitter LVDS Buffer
SNAS829 ??OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com