Electronic Components Datasheet Search
  English  ▼

X  

DAC8541 Datasheet(PDF) 11 Page - Texas Instruments

Part # DAC8541
Description  16-BIT, SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL-TO-RAIL VOLTAGE OUTPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8541 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC8541 Datasheet HTML 7Page - Texas Instruments DAC8541 Datasheet HTML 8Page - Texas Instruments DAC8541 Datasheet HTML 9Page - Texas Instruments DAC8541 Datasheet HTML 10Page - Texas Instruments DAC8541 Datasheet HTML 11Page - Texas Instruments DAC8541 Datasheet HTML 12Page - Texas Instruments DAC8541 Datasheet HTML 13Page - Texas Instruments DAC8541 Datasheet HTML 14Page - Texas Instruments DAC8541 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
DAC8541
SLAS353 − DECEMBER 2001
11
www.ti.com
TYPICAL CHARACTERISTICS
Figure 18
0
2
4
6
8
10
12 14
16
18 20
Scope Trigger (5 V/div)
VOUT (2 V/div)
t − Time −
µs
EXITING POWER-DOWN
AVDD = VREF = 2.7 V
Digital Code = 8000h
Figure 19
MAJOR CARRY CODE CHANGE GLITCH
t − Time −
µs
0
0.5
1 1.5
2
2.5
3
3.5
4
4.5
5
AVDD = DVDD = VREF = 2.7 V
Code 8000H to 7FFFH
Glitch Occurs Every N
× 4096 Code
Boundary.
Figure 20
t − Time −
µs
0
0.5
1 1.5
2
2.5
3
3.5
4
4.5
5
MAJOR CARRY CODE CHANGE GLITCH
AVDD = DVDD = VREF = 5 V
Code 8000H to 7FFFH
Glitch Occurs Every N
× 4096 Code
Boundary.
Figure 21
t − Time −
µs
02
4
6
8
10
12
FULL-SCALE SETTLING TIME
14
16
18 20
AVDD = 2.7 V
Large-Signal Output (1 V/div)
Full-Scale Code Change:
0000H to FFFFH
Output Loaded With
2 k
Ω and 200 pF to AGND
Scope Trigger (5 V/div)
Small-Signal Error (1 mV/div)
Figure 22
t − Time −
µs
024
68
10
12
FULL-SCALE SETTLING TIME
14
16
18 20
AVDD = 2.7 V
Small-Signal Error (1 mV/div)
Full-Scale Code Change:
FFFFH to 0000H
Output Loaded With
2 k
Ω and 200 pF to AGND
Scope Trigger (5 V/div)
Large-Signal Output (1 V/div)
Figure 23
t − Time −
µs
024
68
10
12
HALF-SCALE SETTLING TIME
14
16
18 20
AVDD = 2.7 V
Large-Signal Output (1 V/div)
Small-Signal Error (1 mV/div)
Half-Scale Code Change:
4000H to C000H
Output Loaded With
2 k
Ω and 200 pF to AGND
Scope Trigger (5 V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com