Electronic Components Datasheet Search
  English  ▼

X  

L9908TR Datasheet(PDF) 53 Page - STMicroelectronics

Part # L9908TR
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908TR Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L9908TR Datasheet HTML 49Page - STMicroelectronics L9908TR Datasheet HTML 50Page - STMicroelectronics L9908TR Datasheet HTML 51Page - STMicroelectronics L9908TR Datasheet HTML 52Page - STMicroelectronics L9908TR Datasheet HTML 53Page - STMicroelectronics L9908TR Datasheet HTML 54Page - STMicroelectronics L9908TR Datasheet HTML 55Page - STMicroelectronics L9908TR Datasheet HTML 56Page - STMicroelectronics L9908TR Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 152 page
background image
Figure 28. VPRE monitor boot masking
Note:
The total external capacitance applied to VPRE should be selected in order to allow a VPRE boot time always
lower than VPRE boot time masking. This means that the maximum total capacitance shall be:
CVPRE_tot≤CP1iout_min
CP1vout_maxTvpre_boot_mask_min=7.192μF
(5)
Table 49. VPRE Monitor electrical characteristics
Symbol
Parameter
Min
Typ Max Unit
Notes
VPRE_uv_th
VPRE under-voltage threshold
6.4
6.7
7
V
Comparator output Low to High
VPRE_uv_hys
VPRE under-voltage hysteresis
100
-
200
mV -
T_vpre_uv_flt
VPRE under-voltage detection filter time
1
-
5
μs
Digital filter
VPRE_ov_th
VPRE over-voltage threshold
14.5 15.5 16.5
V
Comparator output Low to High
VPRE_ov_hys
VPRE over-voltage hysteresis
100
-
250
mV -
T_vpre_ov_flt
VPRE over-voltage detection filter time
1
-
5
μs
Digital filter
T_vpre_boot_mask VPRE boot masking time
1.7
2
2.3
ms
-
Note:
All parameters are guaranteed, and tested, in the voltage ranges reported above in Table 5 unless otherwise
specified. Where not specified the parametrical operating range equals the functional operating range.
L9908
Functional description
DS13546 - Rev 5
page 53/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com