Electronic Components Datasheet Search
  English  ▼

X  

L9935013TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # L9935013TR
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935013TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L9935013TR Datasheet HTML 3Page - STMicroelectronics L9935013TR Datasheet HTML 4Page - STMicroelectronics L9935013TR Datasheet HTML 5Page - STMicroelectronics L9935013TR Datasheet HTML 6Page - STMicroelectronics L9935013TR Datasheet HTML 7Page - STMicroelectronics L9935013TR Datasheet HTML 8Page - STMicroelectronics L9935013TR Datasheet HTML 9Page - STMicroelectronics L9935013TR Datasheet HTML 10Page - STMicroelectronics L9935013TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
L9935
Pin description
Doc ID 5198 Rev 10
7/29
2
Pin description
Figure 2.
Pin connection (top view)
Table 2.
Pin function
Pin No
Name
Description
1,10,11,20
GND
Ground. (All ground pins are internally connected to the frame of the
device).
2OUTA1
Output1 of full bridge 1
3
SCK
Clock for serial interface (SPI)
4
SDI
Serial data input
5
SDO
Serial data output
6
VCC
5V logic supply voltage
7
CSN
Chip select (Low active)
8EN
Enable (Low active)
9OUTB1
Output1of full bridge 2
12
SRB
Current sense resistor of the chopper regulator for OUTB
13
OUTB2
Output 2 of full bridge 2
14
CDRV
Charge pump buffer capacitor
15
OSC
Oscillator capacitor or external clock
16
VS
Supply voltage
17
NC
Not connected
18
OUTA2
Output of full bridge 1
19
SRA
Current sense resistor of the chopper regulator for OUTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com