Electronic Components Datasheet Search
  English  ▼

X  

L9952GXP Datasheet(PDF) 53 Page - STMicroelectronics

Part # L9952GXP
Description  Power management system IC
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9952GXP Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L9952GXP Datasheet HTML 49Page - STMicroelectronics L9952GXP Datasheet HTML 50Page - STMicroelectronics L9952GXP Datasheet HTML 51Page - STMicroelectronics L9952GXP Datasheet HTML 52Page - STMicroelectronics L9952GXP Datasheet HTML 53Page - STMicroelectronics L9952GXP Datasheet HTML 54Page - STMicroelectronics L9952GXP Datasheet HTML 55Page - STMicroelectronics L9952GXP Datasheet HTML 56Page - STMicroelectronics L9952GXP Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
L9952GXP
Electrical characteristics
Doc ID 13518 Rev 6
53/68
Figure 18.
SPI - CSN low to high transition
Figure 19.
SPI - High to low transition
CS N
dON
t
20 %
80 %
t r in
f in
t
OFF
t
dOFF
t
OFF sta te
O N state
OF F state
ON s tate
ON
t
output curren t
of a driver
50 %
50 %
80 %
20 %
20 %
80 %
50 %
output curren t
of a driver
CS N low to high : data from sh ift reg is ter
is trans fe rred to output power switches
t
CS N_HI,m in
CSN
CLK
DI
DO
CSN high to low and CLK stays low: status information of data bit 0 (fault condition) is transfered to DO
DI: data is not accepted
DO: status information of data bit 0 (fault condition) will stay as long as CSN is low
time
time
time
time
0
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com