Electronic Components Datasheet Search
  English  ▼

X  

L9969U Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9969U
Description  Automotive chip for single and dual H-bridge
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9969U Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9969U Datasheet HTML 11Page - STMicroelectronics L9969U Datasheet HTML 12Page - STMicroelectronics L9969U Datasheet HTML 13Page - STMicroelectronics L9969U Datasheet HTML 14Page - STMicroelectronics L9969U Datasheet HTML 15Page - STMicroelectronics L9969U Datasheet HTML 16Page - STMicroelectronics L9969U Datasheet HTML 17Page - STMicroelectronics L9969U Datasheet HTML 18Page - STMicroelectronics L9969U Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 70 page
background image
Figure 8. Overview of VDD voltage ranges
Device overall
Reset logic
VDD monitoring
Output stages
SPI function
VDD
18 V
5.6 V
VDD_THH
4.4 V
1.3 V
VDD_POR
VDD_MR_min
VDD_THL
2.6.2.4
Behavior on pin NABE in case of external short circuit
In case a short circuit on the PCB pulls both pins NABE and VDD for example, to the battery voltage (max. 18 V),
the internal power-stage at pin NABE is designed in such a way that the H-bridge is not damaged, in case NABE
is pulled-down internally to GND, even though an external battery voltage is applied low-ohmic to pin NABE. The
internal power-stage sustains such short-circuit for a few hours.
2.6.2.5
NABE Pin
NABE is a bidirectional pin (input and output). As an input function, all output power-stages are permanently
switched off if an external low signal is applied to pin NABE. NABE output is realized as an open drain low side
switch. During a VDD over-voltage (above VDD_THH) or undervoltage (below VDD_THL), the pin is pulled to GND
(logic low). Refer also to Section 2.6.2.4: Behavior on pin NABE in case of external short circuit in case of an
external short circuit at pin NABE.
The NABE-Pin is made redundant to the DIS-Pin to reach the ISO26262 Safety Goals. The NABE goes directly to
the Gate-Driver of the Bridge.
The default signal level of “NABE” (for example in case of ECU initialization) is low-level with integrated pull down-
current source.
L9969x
Electrical specifications
DS14029 - Rev 6
page 15/70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com